Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT51AQ-R Datasheet(PDF) 16 Page - Future Technology Devices International Ltd.

Part # FT51AQ-R
Description  Supports DMA operation
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT51AQ-R Datasheet(HTML) 16 Page - Future Technology Devices International Ltd.

Back Button FT51AQ-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 20Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
Copyright © Future Technology Devices International Limited
16
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Version 1.5
Doc ument N o.: FT _000877
C learance N o.: FT DI#420
1 stop bit
8 data bits
Pull up
3.2.18
245 FIFO
The 245 FIFO interface operating in asynchronous mode has an eight bit data bus, individual read and
write strobes with two hardware flow control signals.
3.2.19
PWM
The Pulse Width Modulation (PWM) block can generate a signal in which parameters such as period and
duty cycle are controlled by the 8051 core. It provides 8 outputs and can generate a core interrupt if set.
The main purpose is to generate PWM signals which can be used to control motors, DC/DC converters,
AC/DC supplies, etc.
3.2.20
Digital IO pins
Up to 16 General Purpose digital IO pins are available depending on the package type.
3.2.21
Analogue IO pins
Up to 16 AIO pins are available depending on the package type. The pin can function in either analogue
or digital mode, but not both modes at the same time .
When in analogue mode all 16 AIO pins can be configured to the ADC mode.
AIO_mode_1
AIO_mode_0
Configuration
0
0
Analogue off. If the pin is configured for digital mode, it can be
controlled similar to digital IO pins.
0
1
Reserved.
1
0
ADC mode. Analogue input signal for the internal ADC
convertor.
1
1
Reserved.
Table 3-3 – AIO Modes
To configure these modes, specific registers of the AIOs must be configured. On top of these modes sits a
global mode which allows multiple control of AIO pins. All 16 pins can be configured depending on the
package type.
3.2.22
ADC
The ADC block can convert the analogue input signal to a digital value and store the value in the
registers. The ADC block can be configured to work in single -ended mode and differential mode. In
single-ended mode, an input signal from any of the AIO pins can be the input to the ADC block, with the
reference voltage connected to VOUT3V3. In differential mode, two AIO pins are used together to form a
pair of differential inputs. The voltage difference between these two pins will be converted to digital
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com