Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT51AQ-R Datasheet(PDF) 37 Page - Future Technology Devices International Ltd.

Part # FT51AQ-R
Description  Supports DMA operation
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT51AQ-R Datasheet(HTML) 37 Page - Future Technology Devices International Ltd.

Back Button FT51AQ-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 37Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 38Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 39Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 40Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 41Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
Copyright © Future Technology Devices International Limited
37
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Version 1.5
Doc ument N o.: FT _000877
C learance N o.: FT DI#420
Appendix B - List of Figures and Tables
List of Figures
Figure 2-1 - 28 Pin SSOP Package .......................................................................................................... 5
Figure 2-2 - 32 Pin WQFN Package ......................................................................................................... 6
Figure 2-3 - 44 Pin LQFP Package ........................................................................................................... 7
Figure 2-4 - 48 Pin WQFN Package ......................................................................................................... 8
Figure 3-1 – FT51A Block Diagram........................................................................................................ 11
Figure 3-2 – SPI Master........................................................................................................................ 15
Figure 5-1 Bus Powered Configuration .................................................................................................. 26
Figure 6-1 Application Example showing USB upstream and downstream connection(48pin package) .... 27
Figure 6-2 Application Example showing USB upstream and downstream connection (44pin package) ... 28
Figure 6-3 Application Example showing USB upstream connection (32pin package) ............................. 28
Figure 6-4 Application Example showing USB upstream connection (28pin package) ............................. 29
Figure 7-1 48 pin WQFN Package Marking............................................................................................. 30
Figure 7-2 48 pin WQFN Package Dimensions ....................................................................................... 30
Figure 7-3 44 pin LQFP Package Marking .............................................................................................. 31
Figure 7-4 44 pin LQFP Package Dimensions......................................................................................... 31
Figure 7-5 32 pin WQFN Package Marking............................................................................................. 32
Figure 7-6 32 pin WQFN Package Dimensions ....................................................................................... 32
Figure 7-7 28 pin SSOP Package Marking.............................................................................................. 33
Figure 7-8 28 pin SSOP Package Dimensions ........................................................................................ 33
Figure 7-9 FT51A Solder Reflow Profile ................................................................................................. 34
List of Tables
Table 1-1 – Part Numbers....................................................................................................................... 2
Table 2-1 – Power and Ground ............................................................................................................... 9
Table 2-2 – Common Function pins....................................................................................................... 10
Table 3-1 – 8051 Ports......................................................................................................................... 12
Table 3-2 – Peripheral Pin Requirements............................................................................................... 14
Table 3-3 – AIO Modes......................................................................................................................... 16
Table 4-1 – Absolute Maximum Ratings ................................................................................................ 18
Table 4-2 – Operating Voltage and Current........................................................................................... 19
Table 4-3 – IO Characteristics VCCIO = +3V3....................................................................................... 20
Table 4-4 – IO Characteristics VCCIO = +2V5....................................................................................... 21
Table 4-5 – IO Characteristics VCCIO = +1V8....................................................................................... 22
Table 4-6 – USB DP/DM Pin Characteristics........................................................................................... 23
Table 4-7 – MTP Memory Characteristics............................................................................................... 23
Table 4-8 – Internal Clock Characteristics............................................................................................. 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com