Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT51AQ-R Datasheet(PDF) 26 Page - Future Technology Devices International Ltd.

Part # FT51AQ-R
Description  Supports DMA operation
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT51AQ-R Datasheet(HTML) 26 Page - Future Technology Devices International Ltd.

Back Button FT51AQ-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 30Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
Copyright © Future Technology Devices International Limited
26
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Version 1.5
Doc ument N o.: FT _000877
C learance N o.: FT DI#420
5 USB Power Configurations
The following sections illustrate a possible USB power configuration for the FT51A. The illustrations have
omitted pin numbers for ease of understanding since the pins differ between the various package options.
5.1 USB Bus Powered Configuration
FT51A
1
2
3
4
5
SHIELD
Ferrite
Bead
GND
GND
VCC
GND
VCC5V
VCC3V3
USBDM
USBDP
VCC
100nF
100nF
10nF
4.7uF
+
27R
27R
GND
47pF
47pF
Figure 5-1 Bus Powered Configuration
Figure 5-1 illustrates the FT51A in a typical USB bus powered design configuration. A USB bus powered
device gets its power from the USB bus. Basic rules for USB bus powered devices are as follows –
i)
On plug-in to USB, the device should draw no more current than 50mA.
ii)
In USB Suspend mode the device should draw no more than 500uA.
iii)
A device that consumes more than 100mA cannot be plugged into a USB bus powered hub.
iv)
No device can draw more than 500mA from the USB bus.
The power descriptors in the internal MTP memory of the FT51A should be programmed to match the
current drawn by the device.
A ferrite bead is connected in series with the USB power supply to reduce EMI noise from the FT51A and
associated circuitry being radiated down the USB cable to the USB host. The value of the Ferrite Bead
depends on the total current drawn by the application. A suitable range of Ferrite Beads is available from
Laird Technologies (http://www.lairdtech.com) for example Laird Technologies Part # MI0805K601R-10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com