Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT51AQ-R Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # FT51AQ-R
Description  Supports DMA operation
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT51AQ-R Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  FT51AQ-R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Copyright © Future Technology Devices International Limited
4
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Version 1.5
Doc ument N o.: FT _000877
C learance N o.: FT DI#420
3.2.22
ADC ..................................................................................................... 16
4 Device Characteristics and Ratings.............................. 18
4.1 Absolute Maximum Ratings ....................................................18
4.2 DC Characteristics..................................................................19
4.3 MTP Memory Reliability Characteristics...................................23
4.4 Internal Clock Characteristics.................................................23
4.5 Digital IO AC Characteristics ..................................................24
4.6 Analogue IO Characteristics ...................................................25
5 USB Power Configurations .......................................... 26
5.1 USB Bus Powered Configuration .............................................26
6 Connection Examples.................................................. 27
6.1 USB Upstream and downstream port connections (48pin
package) .......................................................................................27
6.2 USB Upstream and downstream port connections (44pin
package) .......................................................................................28
6.3 USB Upstream port connections (32pin package) ....................28
6.4 USB Upstream port connections (28pin package) ....................29
7 Package Parameters................................................... 30
7.1 48-Pin WQFN Package Outline ................................................30
7.2 44-Pin LQFP Package Outline .................................................31
7.3 32-Pin WQFN Package Outline ................................................32
7.4 28-Pin SSOP Package Outline .................................................33
7.5 Solder Reflow Profile .............................................................34
8 Contact Information ................................................... 35
Appendix A – References ................................................. 36
Document References ....................................................................36
Acronyms and Abbreviations ..........................................................36
Appendix B - List of Figures and Tables ............................ 37
List of Figures................................................................................37
List of Tables .................................................................................37
Appendix C – List of IO registers...................................... 39
Appendix D – Revision History ......................................... 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com