Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT51AQ-R Datasheet(PDF) 24 Page - Future Technology Devices International Ltd.

Part # FT51AQ-R
Description  Supports DMA operation
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT51AQ-R Datasheet(HTML) 24 Page - Future Technology Devices International Ltd.

Back Button FT51AQ-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT51AQ-R Datasheet HTML 28Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Copyright © Future Technology Devices International Limited
24
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Version 1.5
Doc ument N o.: FT _000877
C learance N o.: FT DI#420
4.5 Digital IO AC Characteristics
Please refer to the DIO section of the FT51A Programmer’s Guide on how to enable / disable the Schmitt
trigger, control the slew rate and determine drive strength.
Parameter
Value
load
load
Input
Timings
(ns)
0.004pF
tplh
tphl
1.32pF
tplh
tphl
Schmitt Trigger
0
1.25
0.98
2.48
2.13
1
1.27
1.08
2.51
2.24
Output
Timings
(ns)
Slew Rate
= Normal
6pF
tplh
tphl
120pF
tplh
tphl
Drive Strength
00
3.33
2.37
13.34
11.13
01
3.13
2.21
8.22
6.78
10
3.02
2.15
6.46
5.32
11
2.95
2.10
5.57
4.59
Output
Timings
(ns)
Slew Rate
= Slow
6pF
tplh
tphl
120pF
tplh
tphl
Drive Strength
00
3.33
2.37
13.34
1.13
01
3.33
2.37
9.24
7.81
10
3.33
2.4
7.80
6.61
11
3.32
2.39
7.05
5.97
Table 4-9 – Digital IO AC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com