Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT51AL-R Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # FT51AL-R
Description  Supports DMA operation
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT51AL-R Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button FT51AL-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
Copyright © Future Technology Devices International Limited
11
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Version 1.5
Doc ument N o.: FT _000877
C learance N o.: FT DI#420
3 Functional Description
Figure 3-1 – FT51A Block Diagram
The FT51A acts as a USB hub supporting two downstream ports; the internal 8051 core and other
peripherals (SPI, UART, etc.) and an external downstream port (typical devices can be a mouse,
keyboard, mass storage device, etc.). The hub can optionally be disabled (under register control)
resulting in the 8051 core appearing at the upstream port.
3.1 Key Features
3.1.1
Functional Integration
Fully integrated MTP memory with built in shadow RAM for fast memory access , internally generated
clock, Power-On-Reset (POR) and LDO regulators.
3.1.2
8051 Core
The FT51A is based around the industry standard 8051 microcontroller capable of running at a maximum
frequency of 48MHz. The core is an ultra-high performance, speed optimized single-chip 8-bit embedded
controller dedicated for operation with fast on-chip memories.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com