Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT51AL-R Datasheet(PDF) 43 Page - Future Technology Devices International Ltd.

Part # FT51AL-R
Description  Supports DMA operation
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT51AL-R Datasheet(HTML) 43 Page - Future Technology Devices International Ltd.

Back Button FT51AL-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 37Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 38Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 39Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 40Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 41Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 42Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 43Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 43 / 43 page
background image
Copyright © Future Technology Devices International Limited
43
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Version 1.5
Doc ument N o.: FT _000877
C learance N o.: FT DI#420
Appendix D – Revision History
Document Title
:
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Document Reference No.
:
FT_000877
Clearance No.
:
FTDI#420
Product Page
:
http://www.ftdichip.com/Products/ICs/FT51A.html
Document Feedback
:
DS_FT51A
Revision
Changes
Date
Version 1.0
Initial Release
2014-03-17
Version 1.1
Second Release
2014-11-05
Version 1.2
Updated Pin out Diagram
2014-12-12
Version 1.3
Updated branding from FT51 to FT51A
2015-03-23
Version 1.4
Removed DAC references
2015-11-18
Version 1.5
Updated Figure 7.8 28 pin SSOP Package Dimensions
2016-04-07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com