Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT51AL-R Datasheet(PDF) 19 Page - Future Technology Devices International Ltd.

Part # FT51AL-R
Description  Supports DMA operation
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT51AL-R Datasheet(HTML) 19 Page - Future Technology Devices International Ltd.

Back Button FT51AL-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 23Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
Copyright © Future Technology Devices International Limited
19
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Version 1.5
Doc ument N o.: FT _000877
C learance N o.: FT DI#420
4.2 DC Characteristics
DC Characteristics (Ambient Temperature = -40°C to +85°C)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Vcc1
VCC5V Operating
Supply Voltage
4.0
5
5.5
V
Normal Operation
Vcc2
VCC5V Operating
Supply Voltage
3.0
3.3
3.6
V
VCC5V and
VOUT3V3 pins
must connect to
the same 3V3
power source
Vio1
VCCIO Operating
Supply Voltage
3.0
3.3
3.6
V
Vio2
VCCIO Operating
Supply Voltage
2.3
2.5
2.7
V
Vio3
VCCIO Operating
Supply Voltage
1.65
1.8
1.95
V
Icc1
Operating Supply
Current
6.5
20
28.3
mA
Normal Operation
at 48MHz
Icc2
Operating Supply
Current
150
μA
USB Suspend,
internal clock
stops
VOUT3V3
3.3v regulator output
3.0
3.3
3.6
V
VCC5V=4.0-5.5V
Table 4-2 – Operating Voltage and Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com