Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT51AL-R Datasheet(PDF) 14 Page - Future Technology Devices International Ltd.

Part # FT51AL-R
Description  Supports DMA operation
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT51AL-R Datasheet(HTML) 14 Page - Future Technology Devices International Ltd.

Back Button FT51AL-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 18Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
Copyright © Future Technology Devices International Limited
14
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Version 1.5
Doc ument N o.: FT _000877
C learance N o.: FT DI#420
3.2.11
USB XCVR
The USB Transceiver Cell provides the USB 2.0 full-speed physical interface to the USB cable. The output
drivers provide +3.3V level slew rate control signalling, whilst a differential input receiver and two single
ended input receivers provide USB data in, Single -Ended-0 (SE0) and USB reset detection conditions
respectfully. This function also incorporates a 1.5kΩ pull up resistor on the USBUPDP pin.
3.2.12
IO Multiplexer
With the addition of the IO multiplexer any function can be configured to any DIO pin, excluding the
analogue ADC function which is constrained to the AIO pins. All other digital functionality is
recommended to map to DIO pins. The IO multiplexer allows the designer to select which peripherals are
connected to which IO pins. In order to assign a signal to a particular pin, two register writes are
required, one to select the signal and the other to select the IO pin. The FT51A Programmer’s Guide
details the pins and signals which can be connected.
The selectable peripheral interfaces are only limited by the number of IO pins available. The number of
IOs available is dependent on the package type.
Table 3-2 lists the peripherals which can be multiplexed to IO and the typical number of pins required for
each one. The designer can choose any mix of peripheral configurations as long as they are within the
specific package IO pin count.
Peripherals
Number of pins required
(typical)
UART (FTDI)
4
UART (8051)
2
ADC
1-16
8051 Port 0-3
32
SPI Master
4
SPI Slave
4
245 FIFO
12
I2C Master
2
I2C Slave
2
PWM
1-8
Table 3-2 – Peripheral Pin Requirements
3.2.13
I2C Master
The FT51A provides an interface between the core and an I2C bus. It can be programmed to operate with
arbitration and clock synchronization allowing it to operate in multi‐master systems. I2C Master supports
transmission speeds up to 3.4 Mb/s including Normal, Fast and High Speed modes .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com