Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT51AL-R Datasheet(PDF) 12 Page - Future Technology Devices International Ltd.

Part # FT51AL-R
Description  Supports DMA operation
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT51AL-R Datasheet(HTML) 12 Page - Future Technology Devices International Ltd.

Back Button FT51AL-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT51AL-R Datasheet HTML 16Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
Copyright © Future Technology Devices International Limited
12
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Version 1.5
Doc ument N o.: FT _000877
C learance N o.: FT DI#420
3.1.2.1
On-chip Debugger
The 8051 works with a high‐performance “Hardware Assisted Debugger” which manages the
communication between the core and the software.
3.1.2.2
UART / FTDI UART
There are two UARTs in the system – one designed by FTDI and the second incorporated within the 8051
core. The 8051 UART has a maximum baud rate of up to 60kbps. The FTDI UART gives speeds up to
3Mbps.
When the data and control bus are configured in UART mode, the interface implements a standard
asynchronous serial UART port with full modem control. The UART can support baud rates from 183 baud
to 3 Mbaud. The maximum UART speed is limited by the CPU clock. The following maximum UART speed
applies:
CPU Frequency
Maximum UART Speed
48 MHz
3 Mbaud
24 MHz
3 Mbaud
12 MHz
1.5 Mbaud
3.2 Functional Block Descriptions
The following paragraphs detail each function within the FT51A. Please refer to the block diagram shown
in Figure 3-1 – FT51A Block Diagram.
3.2.1
8051 Ports 0 - 3
The 8051 core has four 8-bit bidirectional ports: P0, P1, P2 and P3. These ports can be fully or partially
mapped to external pins on the AIO and DIO bus. Firmware can change the pin mapping through IOMUX
programming. Table 3-1 shows the default pin mapping for all the 4 ports on the LQFP44 and WQFN48
packages.
PIN
TYPE
DESCRIPTION
AIO7 - AIO0
Input / output
P0.7 – P0.0
AIO15 - AIO8
Input / output
P2.7 – P2.0
DIO7 - DIO0
Input / output
P1.7 – P1.0
DIO15 - DIO8
Input / output
P3.7 – P3.0
Table 3-1 – 8051 Ports
3.2.2
Timers and Watchdog
Apart from standard 8051 timers the FT51A has four general purpose 16-bit timers A, B, C and D. A 32-
bit watchdog timer is also provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com