Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT51BQ-R Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # FT51BQ-R
Description  Supports DMA operation
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT51BQ-R Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button FT51BQ-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Copyright © Future Technology Devices International Limited
10
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Version 1.5
Doc ument N o.: FT _000877
C learance N o.: FT DI#420
Pin Nos.
Name
Type
Description
48 pin
44 pin
32 pin
28 pin
30
27
-
-
DW_DM
INPUT/
OUTPUT
Downstream USB Data
Signal Minus.
29
26
-
-
DW_DP
INPUT/
OUTPUT
Downstream USB Data
Signal Plus.
32
29
21
22
UP_DM
INPUT/
OUTPUT
Upstream USB Data
Signal Minus.
31
28
20
21
UP_DP
INPUT/
OUTPUT
Upstream USB Data
Signal Plus.
5
4
4
5
RST
INPUT
Device Reset. Active
HIGH
44
-
-
-
VREF
INPUT
Reference voltage.
Connect to VOUT3V3.
16
14
13
15
DEBUGG
ER
INPUT/
OUTPUT
Chip Debug Port
1,2,3,4,6,
9,10,11,12
13,14,15
45,46,47,48
1,2,3,5,7,8
9,10,11
12,13,
40,41,42
43,44
1,2,3
5,6,7
8,9,10
11,12,
28,29,30
31,32
1,2,3,
4,
6,8,9,
10,11
12,13
,14
P1.0_
P1.7
P3.0_
P3.7
(DIO0_D
IO15)
INPUT/
OUTPUT
General Purpose
digital IO pins. Weak
internal pull up
enabled on exit from
POR or hardware
reset.
20,21,22,23
24,25,26,27
33,34,35,36
37,38,39,40
18,19,20,21
22,23,24,25
30,31,32,33
34,35,36,37
16,17,181
9,22,23
24,25
17,18
,19
20,23
,24
25,26
P0.0_
P0.7
P2.0_
P2.7
(AIO0_A
IO15)
INPUT/
OUTPUT
ADC analogue input
pins. Can also be used
as digital IO pins.
AIO0 – AIO7 have no
pull ups when using
44 or 48 pin packages.
Table 2-2 – Common Function pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com