Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT51BQ-R Datasheet(PDF) 22 Page - Future Technology Devices International Ltd.

Part # FT51BQ-R
Description  Supports DMA operation
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT51BQ-R Datasheet(HTML) 22 Page - Future Technology Devices International Ltd.

Back Button FT51BQ-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 26Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
Copyright © Future Technology Devices International Limited
22
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Version 1.5
Doc ument N o.: FT _000877
C learance N o.: FT DI#420
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
1.62
VCCIO
V
Ioh = +/-2mA
IO Drive strength* =
4mA
1.62
VCCIO
V
IO Drive strength* =
8mA
1.62
VCCIO
V
IO Drive strength* =
12mA
1.62
VCCIO
V
IO Drive strength* =
16mA
Vol
Output Voltage Low
0.4
V
Iol = +/-2mA
IO Drive strength* =
4mA
0.4
V
IO Drive strength* =
8mA
0.4
V
IO Drive strength* =
12mA
0.4
V
IO Drive strength* =
16mA
Vil
Input low Switching
Threshold
0.63
V
LVTTL
Vih
Input High Switching
Threshold
1.17
V
LVTTL
Vt
Switching Threshold
0.77
V
Vt-
Schmitt trigger negative
going threshold voltage
0.557
V
Vt+
Schmitt trigger positive
going threshold voltage
0.893
V
Rpu
Input pull-up resistance
40
75
190
KΩ
Vin = 0
Rpd
Input pull-down
resistance
40
75
190
KΩ
Vin =VCCIO
Iin
Input Leakage Current
-10
10
μA
Vin = 0
Table 4-5 – IO Characteristics VCCIO = +1V8
* The IO drive strength and slow slew -rate are configurable in the IO registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com