Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT51BQ-R Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # FT51BQ-R
Description  Supports DMA operation
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT51BQ-R Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button FT51BQ-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Copyright © Future Technology Devices International Limited
13
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Version 1.5
Doc ument N o.: FT _000877
C learance N o.: FT DI#420
3.2.3
PLL Control
The block provides an internally generated 48MHz clock to the system without the need of an external
reference clock. This block is trimmed at factory test to 48MHz. During USB transactions the PLL will
provide an accurate clock, locked to the incoming USB data rate.
3.2.4
16KB Multi-Time Programmable (MTP) memory
16K bytes of MTP memory are available for firmware programming. Code stored with the MTP memory is
copied to the Shadow RAM on power up or an external reset. See section 3.2.6.
3.2.5
8KB Data RAM
8K bytes of data RAM are provided.
3.2.6
16KB Shadow RAM
To facilitate fast program memory access, limit any bottlenecks and to allow fast programming times in a
debug environment, a shadow RAM exists that the CPU will run from. The Shadow RAM has the following
features:
The contents of the MTP are copied to the shadow RAM after a system reset – i.e. a POR reset or
a pin reset.
A single command (register write access) initiates a hard copy of the program memo ry – i.e. the
contents of the shadow RAM are copied to the MTP.
3.2.7
Special Function Register
The 8051 core has a special function register area (SFR) and is limited to 128 locations. This area
facilitates access to IO registers and the USB Full-Speed Device Controller command/data through in-
direct addressing method.
3.2.8
IO Registers
The FT51A contains approximately 300 IO registers. See Appendix C for a full list of the IO registers.
3.2.9
LDO Regulators
The +3.3V LDO regulator generates the +3.3V re ference voltage for driving the USB transceiver cell
output buffers. It requires an external decoupling capacitor to be attached to the regulator output pin.
The main function of the LDO is to power the USB Transceiver and the Reset Generator Cells rather than
to power external logic. However, it can be used to supply external circuitry requiring a +3.3V nominal
supply with a maximum current of 50mA.
The +1.8V LDO regulator generates the +1.8V supply voltage for internal digital circuits.
3.2.10
BCD Detect
Special circuitry inside the FT51A detects when the USB upstream port is connected to a dedicated
charging port. When it detects that it is connected to a dedicated charging port, the FT51A can use a DIO
or AIO pin to notify a microcontroller or logic on the application board which in turn controls the battery
charging circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com