Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT51BQ-R Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # FT51BQ-R
Description  Supports DMA operation
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT51BQ-R Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  FT51BQ-R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
Copyright © Future Technology Devices International Limited
2
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Version 1.5
Doc ument N o.: FT _000877
C learance N o.: FT DI#420
1 Typical Applications
USB Data Acquisition
General Purpose Microcontroller
Sensor and Monitoring control
Mass storage data transfers across all
segments, including medical, industrial data-
logger, power-metering, and test
instrumentation
USB to RS232/RS422/RS485 Converters
Incorporate USB interface to enable PC
transfers for development systems
Interfacing MCU/PLD/FPGA based designs to
add USB connectivity
Industrial equipment control systems
POS systems
USB Bar Code Readers
Internet of things application
Home automation control systems
1.1 Part Numbers
Part Number
Package
FT51AQ-R
48 Pin QFN, body 7x7x0.75 mm, pitch 0.5mm, Taped and Reel, 3000 per reel
FT51AQ-T
48 Pin QFN, body 7x7x0.75 mm, pitch 0.5mm, Tray packing, 490 per tray
FT51AL-R
44 Pin LQFP, body 10x10x1.4 mm, pitch 0.8mm, Taped and Reel, 1000 per reel
FT51AL-T
44 Pin LQFP, body 10x10x1.4 mm, pitch 0.8mm, Tray packing, 160 per tray
FT51BQ-R
32 Pin QFN, body 6x6x0.75 mm, pitch 0.5mm, Taped and Reel, 3000 per reel
FT51BQ-T
32 Pin QFN, body 6x6x0.75 mm, pitch 0.5mm, Tray packing, 490 per tray
FT51CS-R
28 Pin SSOP, body 10.2x5.3x1.75 mm, pitch 0.65mm, Taped and Reel, 2000 per reel
FT51CS-U
28 Pin SSOP, body 10.2x5.3x1.75 mm, pitch 0.65mm, Tube packing, 47 per tube
Table 1-1 – Part Numbers
1.2 USB Compliant
The FT51A is fully compliant with the USB 2.0 specification and has been given the USB-IF Test-ID (TID)
40001701 (Rev C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com