Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT51BQ-R Datasheet(PDF) 32 Page - Future Technology Devices International Ltd.

Part # FT51BQ-R
Description  Supports DMA operation
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT51BQ-R Datasheet(HTML) 32 Page - Future Technology Devices International Ltd.

Back Button FT51BQ-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT51BQ-R Datasheet HTML 36Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Copyright © Future Technology Devices International Limited
32
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Version 1.5
Doc ument N o.: FT _000877
C learance N o.: FT DI#420
7.3 32-Pin WQFN Package Outline
Figure 7-5 32 pin WQFN Package Marking
Note: The centre pad on the base of the FT51A is internally connected to ground. Dimensions are in mm.
Figure 7-6 32 pin WQFN Package Dimensions
FTDI
XXXXXXXXXX
FT51BQ
Line 1 – FTDI Logo
Line 4 – Date Code, Revision
Line 2 – Wafer Lot Number
1
32
Line 3 – FTDI Part Number
YYWW-C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com