Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3122 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCS3122
Description  MCS3122 Advanced KEELOQ짰 Technology Encoder Data Sheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3122 Datasheet(HTML) 3 Page - Microchip Technology

  MCS3122 Datasheet HTML 1Page - Microchip Technology MCS3122 Datasheet HTML 2Page - Microchip Technology MCS3122 Datasheet HTML 3Page - Microchip Technology MCS3122 Datasheet HTML 4Page - Microchip Technology MCS3122 Datasheet HTML 5Page - Microchip Technology MCS3122 Datasheet HTML 6Page - Microchip Technology MCS3122 Datasheet HTML 7Page - Microchip Technology MCS3122 Datasheet HTML 8Page - Microchip Technology MCS3122 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
 2014 Microchip Technology Inc.
DS40001762A-page 3
MCS3122
1.0
GENERAL DESCRIPTION
MCS3122 is a KEELOQ encoder, designed for secure
Remote Keyless Entry (RKE) and secure remote
control systems. MCS3122 utilizes the Advanced
KEELOQ code hopping technology. The encoder
incorporates a high- security, low-cost small package
outline to make this device the perfect solution for
unidirectional
authentication
systems and access
control systems.
The Advanced KEELOQ technology uses the industry
standard AES-128 encryption algorithm, a
serial
number and a message counter which continuously
increments with each button press.
The crypt key, serial number and configuration data are
stored in a Flash array which is not accessible via any
external connection. The Flash data is programmable
but read-protected. The data can be verified only after
an automatic erase and programming operation. This
protects against attempts to gain access to keys or
manipulate synchronization values.
In
addition,
MCS3122 provides an easy to use serial interface for
programming the necessary keys, system parameters
and configuration data.
1.1
Key Terms
The following is a list of key terms used throughout this
data sheet. For additional information on KEELOQ
technology and code hopping, refer to “An Introduction
to KEELOQ® Code Hopping
” Technical Brief (DS91002).
• RKE: Remote Keyless Entry
• Function Code: It indicates what button input(s)
activated the transmission. It encompasses the
function code bits.
• Code Hopping: A method by which a code,
viewed externally to the system, appears to
change unpredictably each time it is transmitted.
• Code Word: A block of data that is repeatedly
transmitted upon button activation.
• Transmission: A data stream consisting of
repeating code words.
• Crypt Key: A unique and secret number (128-bit
for Advanced KEELOQ technology) used to
encrypt and decrypt data. In a symmetrical block
cipher such as those used on MCS3122, the
encryption and decryption keys are equal and,
therefore, will generally be referred to as the crypt
key.
• Encoder: A device that generates and encodes
data.
• Encryption Algorithm: A method whereby data
is scrambled using a crypt key. The data can only
be interpreted by the respective decryption
algorithm using the same crypt key.
• Decoder: A device that decodes data received
from an encoder.
• Decryption Algorithm: A recipe whereby data,
scrambled by an encryption algorithm, can be
unscrambled using the same crypt key.
• Learn: Learning involves the receiver calculating
the transmitter’s appropriate crypt key, decrypting
the received hopping code and storing the serial
number, synchronization counter or timer value,
and crypt key in EEPROM. The KEELOQ
technology product family facilitates several
learning strategies to be implemented on the
decoder. The following are examples of what can
be done:
- Simple Learning: The receiver uses a fixed
crypt key. The crypt key is common to every
component used by the same manufacturer.
- Normal Learning: The receiver derives a
crypt key from the encoder serial number.
Every transmitter has a unique crypt key.
- Secure Learning: The receiver derives a
crypt key from the encoder seed value. Every
encoder has a unique seed value that is only
transmitted by a special button combination.
• Manufacturer’s Code: A unique and secret
number
(128-bit
for
Advanced
KEELOQ
technology) used to derive crypt keys. Each
encoder is programmed with a crypt key that is a
function of the manufacturer’s code. Each
decoder is programmed with the manufacturer’s
code itself.
The MCS3122 code hopping encoder is designed
specifically for keyless entry systems. Typical
applications include vehicles and home garage door
openers. The encoder portion of a keyless entry system
is integrated into a transmitter carried by the user. The
transmitter is operated to gain access to a vehicle or a
restricted area. MCS3122 is meant to be a cost-
effective, yet secure solution to such systems, requiring
very few external components (see Figure 2-1).
Most low-end keyless entry transmitters are given a
fixed identification code that is transmitted every time a
button is pushed. The number of unique identification
codes in a low-end system is usually a relatively small
number. These shortcomings provide an opportunity
for a sophisticated thief to create a device that ‘grabs’
a transmission and retransmits it later, or a device that
quickly ‘scans’ all possible identification codes until the
correct one is found.
Advanced KEELOQ technology uses the industry
standard AES-128 encryption algorithm to obscure
data using 128 bits for both its block and key length. In
addition to the security of Advanced KEELOQ
technology,
the
encoder
sends
a
message
authorization block which is used to separate the
message encryption from the message authentication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com