Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3122 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCS3122
Description  MCS3122 Advanced KEELOQ짰 Technology Encoder Data Sheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3122 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCS3122 Datasheet HTML 9Page - Microchip Technology MCS3122 Datasheet HTML 10Page - Microchip Technology MCS3122 Datasheet HTML 11Page - Microchip Technology MCS3122 Datasheet HTML 12Page - Microchip Technology MCS3122 Datasheet HTML 13Page - Microchip Technology MCS3122 Datasheet HTML 14Page - Microchip Technology MCS3122 Datasheet HTML 15Page - Microchip Technology MCS3122 Datasheet HTML 16Page - Microchip Technology MCS3122 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
 2014 Microchip Technology Inc.
DS40001762A-page 13
MCS3122
5.2
Baud Rate
The baud rate of an encoder’s transmission is highly
configurable using the two bits in the Transmitter
Setting Byte 1 register (0x35).
5.3
Transmission Modulation Format
The RF transmission can be configured to modulate
using Frequency-Shift Keying (FSK) or On-Off Keying
(OOK). The selection is done using one bit in the
Transmitter Settings Byte 0 register (0x34).
5.4
Frequency and Band Selection
The RF frequency configuration is performed by
selecting the appropriate bits in the Transmitter
Settings Byte 0 register (0x34).
5.5
Deviation Selection
When using FSK modulation, the frequency deviation
can be configured using bits <7:6> in the Transmitter
Settings Byte 0 register (0x34).
5.6
Power Output
The RF output power can be configured to either 0 dBm
or 10 dBm. The setting is done using bit <5> in the
Transmitter Settings Byte 0 register (0x34).
TABLE 5-1:
BAUD RATE SELECTION
OPTIONS
TE (µS)
Bits <5:4>
200
1:1
150
1:4
100
1:4
50
1:16
TABLE 5-2:
MODULATION FORMAT
SELECTION OPTIONS
Modulation
Bit <3>
FSK
0
OOK
1
TABLE 5-3:
FREQUENCY SELECTION
OPTIONS
Frequency
Bits <2:0>
315.00 MHz(1)
000
390.00 MHz
001
418.00 MHz
010
433.92 MHz
011
868.30 MHz
100
868.65 MHz
101
868.90 MHz
110
915.00 MHz
111
Note 1:
For 315.00 MHz operation, a 24 MHz
crystal is required. All the other frequency
settings will require a 26 MHz crystal.
TABLE 5-4:
FREQUENCY DEVIATION
SELECTION OPTIONS
Deviation
Bits <7:6>
200 kHz
11
100 kHz
10
75 kHz
01
50 kHz
00
TABLE 5-5:
OUTPUT POWER SELECTION
OPTIONS
Out Power
Bit <5>
0 dBm
0
10 dBm
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com