Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3122 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCS3122
Description  MCS3122 Advanced KEELOQ짰 Technology Encoder Data Sheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3122 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCS3122 Datasheet HTML 8Page - Microchip Technology MCS3122 Datasheet HTML 9Page - Microchip Technology MCS3122 Datasheet HTML 10Page - Microchip Technology MCS3122 Datasheet HTML 11Page - Microchip Technology MCS3122 Datasheet HTML 12Page - Microchip Technology MCS3122 Datasheet HTML 13Page - Microchip Technology MCS3122 Datasheet HTML 14Page - Microchip Technology MCS3122 Datasheet HTML 15Page - Microchip Technology MCS3122 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
MCS3122
DS40001762A-page 12
 2014 Microchip Technology Inc.
5.0
TRANSMITTER OPERATION
5.1
Data Modulation Format and Baud
Rate
A transmission is made up of several code words. Each
code word contains a preamble, header and data. A
code word is separated from another code word by
guard time.
All timing specifications for the modulation formats are
based on a basic Time Element, described as TE. See
Section 5.2 “Baud Rate”
for details on baud rate
calculation. This timing element can be set to a wide
range of values. The length of the preamble, header
and guard is fixed. The guard time is fixed to a typical
18.5 ms.
FIGURE 5-1:
PWM TRANSMISSION FORMAT
FIGURE 5-2:
MANCHESTER TRANSMISSION FORMAT
116
31 TE Preamble
10 TE
Header
Encrypted Portion
Fixed Code Portion
Guard
Time
TE TE TE
TBP
Logic ‘0’
Logic ‘1’
116
Preamble
Encrypted Portion
Fixed Code Portion
Guard
Time
TE TE
TBP
Logic ‘0’
Logic ‘1’
2
10 TE
Header
bit 1
bit 0
bit 2
Start bit
Stop bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com