Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3122 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCS3122
Description  MCS3122 Advanced KEELOQ짰 Technology Encoder Data Sheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3122 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCS3122 Datasheet HTML 4Page - Microchip Technology MCS3122 Datasheet HTML 5Page - Microchip Technology MCS3122 Datasheet HTML 6Page - Microchip Technology MCS3122 Datasheet HTML 7Page - Microchip Technology MCS3122 Datasheet HTML 8Page - Microchip Technology MCS3122 Datasheet HTML 9Page - Microchip Technology MCS3122 Datasheet HTML 10Page - Microchip Technology MCS3122 Datasheet HTML 11Page - Microchip Technology MCS3122 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MCS3122
DS40001762A-page 8
 2014 Microchip Technology Inc.
TABLE 3-8:
TRANSMITTER CONFIGURATION REGISTERS
Byte Address
Bit
Description
Values
0x34
7:6
FSK Frequency Deviation
11
– 200 kHz
10
– 100 kHz
01
– 75 kHz
10
– 50 kHz
5Output Power
0
– 0 dBm
1
– 10 dBm
4
Encoding
1
– PWM
0
– Manchester
3
Modulation
1
– OOK
0
– FSK
2:0
Frequency Select
000
– 315.00 MHz (only with 24 MHz crystal)
001
– 390.00 MHz
010
– 418.00 MHz
011
– 433.92 MHz
100
– 868.30 MHz
101
– 868.65 MHz
110
– 868.95 MHz
111
– 915.00 MHz
0x35
3
and
1:0
Seed Button Configuration 111 – Disabled, no seed option
110
– SW0
101
– SW1
100
– SW1 and SW0
011
– SW2
010
– SW2 and SW0
001
– SW2 and SW1
000
– SW3, SW2 and SW1
2
Authorization Code Enable 1 – Enabled
0
– Disabled
5:4
Baud Rate
11
– 200 µS
10
– 150 µS
11
– 100 µS
11
– 50 µS
7:6
Maximum Code Words
11
– 234 words
10
– 80 words
01
– 4 words
00
– No maximum limit
TABLE 3-9:
ADVANCED KEELOQ® TECHNOLOGY SEED CONFIGURATION REGISTERS
Byte Address
Bit
Description
Values
0x38
7:0
Seed Value
Byte 0 of the seed value (LSB)
0x39
7:0
Byte 1 of the seed value
0x3A
7:0
Byte 2 of the seed value
0x3B
7:0
Byte 3 of the seed value
0x3C
7:0
Byte 4 of the seed value
0x3D
7:0
Byte 5 of the seed value
0x3E
7:0
Byte 6 of the seed value
0x3F
7:0
Byte 7 of the seed value (MSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com