Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS3122 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCS3122
Description  MCS3122 Advanced KEELOQ짰 Technology Encoder Data Sheet
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCS3122 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCS3122 Datasheet HTML 12Page - Microchip Technology MCS3122 Datasheet HTML 13Page - Microchip Technology MCS3122 Datasheet HTML 14Page - Microchip Technology MCS3122 Datasheet HTML 15Page - Microchip Technology MCS3122 Datasheet HTML 16Page - Microchip Technology MCS3122 Datasheet HTML 17Page - Microchip Technology MCS3122 Datasheet HTML 18Page - Microchip Technology MCS3122 Datasheet HTML 19Page - Microchip Technology MCS3122 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
MCS3122
DS40001762A-page 16
 2014 Microchip Technology Inc.
FIGURE 6-2:
SYNCHRONIZATION WINDOW
6.3
Security Considerations
The strength of this security is based on keeping a
secret inside the transmitter that can be verified by
encrypted transmissions to a trained receiver. The
transmitter’s secret is the manufacturer’s key, not the
encryption algorithm. If that key is compromised, then
a smart transceiver can capture any serial number,
create a valid code word and trick all receivers trained
with that serial number. The key cannot be read from
the EEPROM without costly die probing, but it can be
calculated by brute force decryption attacks on
transmitted code words. The cost for these attacks
should exceed what the manufacturer would want to
protect.
To protect the security of other receivers with the same
manufacturer’s code, the manufacturer should use the
random seed for secure learn. It is a second secret that
is unique for each transmitter. If a manufacturer’s key is
compromised, clone transmitters can be created, but
without the unique seed, they have to be relearned by
the receiver. In the same way, if the transmissions are
decrypted by brute force on a computer, the random
seed hides the manufacturer’s key and prevents more
than one transmitter from being compromised.
The length of the code word at these baud rates make
brute force attacks that guess the hopping code take
years. To make the receiver less susceptible to this
attack, it should test all bits in the decrypted code for
the correct value, not just the low counter bits and
function code.
The main benefit of hopping codes is to prevent the
retransmission of captured code words. This works
very well for code words which the receiver decodes.
Its weakness is that, if a code is captured when the
receiver misses it, the code may trick the receiver once
if it is used before the next valid transmission. The
receiver should increment the counter on questionable
code word receptions. The transmitter should use
separate buttons for lock and unlock functions. A
different method would be to require two different
buttons in sequence to gain access.
There are more ways to make KEELOQ systems more
secure, but they all have trade-offs. The user should
find a balance between security, design effort and
usability, particularly in failure modes. For example, if a
button sticks or kids play with it, the counter should not
advance into the Blocked Code window, rendering the
transmitter useless or requiring retraining.
Blocked
Window
(8M Codes)
Double Operation
(Resynchronization
Window)
(8M Codes)
Stored
Synchronization
Counter Value
Single Operation
Window
(16 Codes)
Entire window rotates
to eliminate use of
previously used codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com