Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1946 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1946
Description  LM1946 Over/Under Current Limit Diagnostic Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1946 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM1946 Datasheet HTML 3Page - National Semiconductor (TI) LM1946 Datasheet HTML 4Page - National Semiconductor (TI) LM1946 Datasheet HTML 5Page - National Semiconductor (TI) LM1946 Datasheet HTML 6Page - National Semiconductor (TI) LM1946 Datasheet HTML 7Page - National Semiconductor (TI) LM1946 Datasheet HTML 8Page - National Semiconductor (TI) LM1946 Datasheet HTML 9Page - National Semiconductor (TI) LM1946 Datasheet HTML 10Page - National Semiconductor (TI) LM1946 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Application Hints (Continued)
One solution is to use a low cost thermistor in conjunction
with some low-TC resistors (see
Figure 8 )
There are three fixed resistors and one thermistor This is
an NTC thermistor since it has a negative temperature co-
efficient This is what is required in order to have Iset in-
crease
as the temperature rises The data sheet with the
thermistor described a number of ways to establish different
final TC’s The thermistor itself has a very large TC which is
somewhat difficult to describe mathematically But if it is
used with some other fixed resistors such as Rmin and
Rmax definite end point limits can be established and an
approximate staight line TC generated See
Figure 9 for a
graphic representation of the ideal calculated values of Iset
and the actual measured values generated Notice that
there is very close agreement between the two graphs The
circuit actually creates an S-shaped curve around the ideal
The low-cost thermistor is available from Keystone and is
listed as follows RL2008-523K-155-D1
OVER-CURRENT LIMIT DETECTOR
Other applications include an over-current detector as
shown in
Figure 10 The load represented here can be ei-
ther a single component or an entire system Resistors R3
TLH8707 – 11
Thermistor
Keystone
RL2008-523K-155-D1
100k
25 C
FIGURE 8 ThermistorResistor Network
TLH8707 – 12
FIGURE 9 Iset vs Temperature with
Figure 8 Circuit
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com