Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1946 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1946
Description  LM1946 Over/Under Current Limit Diagnostic Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1946 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM1946 Datasheet HTML 4Page - National Semiconductor (TI) LM1946 Datasheet HTML 5Page - National Semiconductor (TI) LM1946 Datasheet HTML 6Page - National Semiconductor (TI) LM1946 Datasheet HTML 7Page - National Semiconductor (TI) LM1946 Datasheet HTML 8Page - National Semiconductor (TI) LM1946 Datasheet HTML 9Page - National Semiconductor (TI) LM1946 Datasheet HTML 10Page - National Semiconductor (TI) LM1946 Datasheet HTML 11Page - National Semiconductor (TI) LM1946 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Application Hints (Continued)
TLH8707 – 7
FIGURE 10 Using the LM1946 as an Over-Current Limit Detector
and R4 again allow the system designer to tailor the thresh-
old limit to the VI characteristics of each particular system
The input threshold voltage is determined by and directly
proportional to Iset into pin 20 R3 from the on-chip refer-
ence voltage provides a current and threshold that is inde-
pendent of the supply voltage VCC R4 provides a current
directly proportional to supply These resistors allow thresh-
olds to be either independent of or directly proportional to
supply voltage or anything in between For example the
values in
Figure 10 are tailored to match the VI characteris-
tics of the bulb filament used in earlier examples However
if the load had purely resistive characteristics Iset and the
threshold would be set with R4 only eliminating R3 Like-
wise if the load current was independent of supply such as
in many systems powered by a voltage regulator Iset would
be better set by R3 only eliminating R4 Further details on
this and how to handle variations with ambient temperature
with resistor and thermistor combinations are discussed in
detail in previous sections Compensation for temperature
variations however is rarely necessary since short circuit or
over-current values are usually much greater than the nomi-
nal value For example if the load in
Figure 10 represented
a DC motor the circuit could be used to detect the motor
stall condition Stall current through the sense resistor Rs
would typically be five times the nominal running current By
setting the threshold at three times the nominal current val-
ue enough margin exists that minor variations due to tem-
perature can be ignored The variation in stall current due to
battery or supply voltage can be significant however Being
approximately proportional Iset would best be set in this
case by R4 only
WINDOW DETECTOR
The availability of more than one comparator per IC allows
many other applications One is the current sense window
detector Many times it is useful to know that a certain cur-
rent is within both an upper and lower limit Using two of the
LM1946 comparators and the circuit of
Figure 11 will ac-
complish this In this particular case high and low limits
are approximately 3A and 1A respectively The outputs can
be kept separate or wired-or as shown to a single output
load as a simple out-of-bounds detector
Vthrshld-lo e Iset
 (R10 b R11)
Vthrshld-hi e Iset
 (R13 b R12)
TLH8707 – 8
FIGURE 11 Current Limit Window Detector
COMPARATOR INPUT STAGE
The LM1946 IC consists of five specially designed compara-
tor input circuits to monitor the IR drop across the wiring
harness or the sense resistor between the battery and the
light bulb These comparators have been designed to ac-
commodate a wide range of input signals without damage to
the IC or the load circuitry The inputs can easily withstand a
common mode voltage above the positive supply since the
inputs are the emitters of two matched PNP devices (see
Figure 12 ) This is vital in a system which must operate in
the conditions present under the hood of an automobile
The inputs can also survive when taken well below ground
If a negative voltage is present at the inputs of the compara-
tor the two emitter-base PNP junctions become reverse bi-
ased and block any current flow in or out of the device To
disable an unused comparator it is recommended that the
inputs be connected to ground
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com