Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1946 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1946
Description  LM1946 Over/Under Current Limit Diagnostic Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1946 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1946 Datasheet HTML 1Page - National Semiconductor (TI) LM1946 Datasheet HTML 2Page - National Semiconductor (TI) LM1946 Datasheet HTML 3Page - National Semiconductor (TI) LM1946 Datasheet HTML 4Page - National Semiconductor (TI) LM1946 Datasheet HTML 5Page - National Semiconductor (TI) LM1946 Datasheet HTML 6Page - National Semiconductor (TI) LM1946 Datasheet HTML 7Page - National Semiconductor (TI) LM1946 Datasheet HTML 8Page - National Semiconductor (TI) LM1946 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLH8707
February 1993
LM1946 OverUnder Current Limit Diagnostic Circuit
General Description
The LM1946 provides the industrial or automotive system
designer with over or under current limit detection superior
to that of ordinary transistor or comparator-based circuits
Each of the five independent comparators can be used to
monitor a separate load as either an over current or under
current limit detector Two comparators monitoring a single
load can function as a current window monitor
Current is sensed by monitoring the voltage drop across the
wiring harness pc board trace or external sense resistor
that feeds the load
Provisions for compensating the user set limits for wiring
harness resistance variations over temperature and supply
voltage variations are also available
When a limit is reached in one of the comparators it turns
on its output which can drive an external LED or microproc-
essor
One side of the load can be grounded (not possible with
ordinary comparator designs) which is important for auto-
motive systems
Features
Y
Five independent comparators
Y
Capable of 20 mA per output
Y
Low power drain
Y
User set input threshold voltages
Y
Reverse battery protection
Y
60V load dump protection on supply and all inputs
Y
Input common mode range exceeds VCC
Y
Short circuit protection
Y
Thermal overload protection
Y
Prove-out test pin
Y
Available in plastic DIP and SO packages
Applications
Y
Lamp fault detector
Y
Motor stall detector
Y
Power supply bus monitoring
Typical Application CircuitLamp Fault Detector (IL l 1A)
TLH8707 – 2
FIGURE 1
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM1946

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM194 NSC-LM194 Datasheet
221Kb / 10P
LM194/LM394 Supermatch Pair
LM1949 NSC-LM1949 Datasheet
214Kb / 10P
LM1949 Injector Drive Controller
logo
Texas Instruments
LM1949 TI1-LM1949 Datasheet
791Kb / 17P
Injector Drive Controller
LM1949 TI-LM1949 Datasheet
766Kb / 17P
LM1949 Injector Drive Controller
REVISED MARCH 2013
LM1949 TI2-LM1949 Datasheet
856Kb / 17P
LM1949 Injector Drive Controller
REVISED MARCH 2013
More results

Similar Description - LM1946

ManufacturerPart #DatasheetDescription
logo
Winbond
W83310S WINBOND-W83310S Datasheet
441Kb / 17P
Bus Termination Regulator With Over Temp. & Current Limit Protection
logo
AIMTEC
AME1-JZ AIMTEC-AME1-JZ Datasheet
147Kb / 3P
Over current, Short Circuit Protection
AME2-JZ AIMTEC-AME2-JZ Datasheet
146Kb / 3P
Over current, Short Circuit Protection
logo
Texas Instruments
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
Precise Current Limit and Over Voltage Protection
logo
Unisonic Technologies
UCC36351G-SH2-R UTC-UCC36351G-SH2-R Datasheet
367Kb / 7P
Input Under/Over Voltage Lockout
UD38501G-SH2-R UTC-UD38501G-SH2-R Datasheet
244Kb / 7P
Input Under/Over Voltage Lockout
logo
MORNSUN Science& Techno...
MA00505VA MORNSUN-MA00505VA Datasheet
330Kb / 4P
Over voltage, Over current, Short circuit protection
MA00505WA MORNSUN-MA00505WA Datasheet
261Kb / 3P
Over voltage, Over current, Short circuit protection
MG01205HA MORNSUN-MG01205HA Datasheet
324Kb / 4P
Over voltage, Over current, Short circuit protection
logo
Bel Fuse Inc.
0RQB-S0S10 BEL-0RQB-S0S10 Datasheet
760Kb / 18P
Input Under / Over-Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com