Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1946 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1946
Description  LM1946 Over/Under Current Limit Diagnostic Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1946 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM1946 Datasheet HTML 4Page - National Semiconductor (TI) LM1946 Datasheet HTML 5Page - National Semiconductor (TI) LM1946 Datasheet HTML 6Page - National Semiconductor (TI) LM1946 Datasheet HTML 7Page - National Semiconductor (TI) LM1946 Datasheet HTML 8Page - National Semiconductor (TI) LM1946 Datasheet HTML 9Page - National Semiconductor (TI) LM1946 Datasheet HTML 10Page - National Semiconductor (TI) LM1946 Datasheet HTML 11Page - National Semiconductor (TI) LM1946 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Application Hints (Continued)
TLH8707 – 13
FIGURE 12 Comparator Input Stage
THE OUTPUT SECTION
The output section of the LM1946 is different from most
automotive comparators as it employs high beta proprietary
PNP transistors which are very rugged and capable of high-
er output currents Each of the five comparator outputs is
capable of at least 20 mA of drive and are internally current
limited and protected against supply overvoltage
The
LM1946 is therefore capable of driving LED’s directly and
larger bulbs via an external grounded base NPN (see
Fig-
ures 13 and 14 ) The outputs can also be wired-or together
without harm
For use in systems with a microprocessor flag instead of a
dashboard indicator the LM1946 can be powered by a stan-
dard 5V logic supply This prevents the LM1946 output from
swinging above the microprocessor supply which might
cause latch problems Since the input common mode range
is independent of supply the inputs can still operate at any
level up to 26V Since the outputs can source current only
pull-down resistors as in
Figure 15 are required their value
depending on the input drive requirements of the particular
microprocessor used When operating with a VCC supply
less than 7V it is important to connect the VREF pin to VCC
This forces VREF to a fixed voltage which is used for bias of
internal circuitry
TLH8707 – 19
FIGURE 13
TLH8707 – 14
FIGURE 14
TEST PIN
The test pin is a high impedance logic input Forcing this pin
high (t 2V) forces all five comparator outputs on This is
used to test the indicator LED display (or other output load)
The usual application circuit connects this pin to the ignition
crank line During engine crank therefore the LM1946 out-
put display will light similar to the usual dashboard indica-
tors The test pin was designed to operate with the usual
transient voltages found on the crank line as long as a limit-
ing resistor (eg 30k) separates them
(Figure 1)
Minimum pulse width (ms)
001 a 15
 C1 (mF)
TLH8707 – 15
FIGURE 15
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com