Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1946 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1946
Description  LM1946 Over/Under Current Limit Diagnostic Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1946 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1946 Datasheet HTML 1Page - National Semiconductor (TI) LM1946 Datasheet HTML 2Page - National Semiconductor (TI) LM1946 Datasheet HTML 3Page - National Semiconductor (TI) LM1946 Datasheet HTML 4Page - National Semiconductor (TI) LM1946 Datasheet HTML 5Page - National Semiconductor (TI) LM1946 Datasheet HTML 6Page - National Semiconductor (TI) LM1946 Datasheet HTML 7Page - National Semiconductor (TI) LM1946 Datasheet HTML 8Page - National Semiconductor (TI) LM1946 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC and Input Pins)
Survival Voltage (T s 100 ms)
b
50V to a60V
Operational Voltage
9V to 26V
Internal Power Dissipation (Note 1)
Internally Limited
Output Short Circuit to Ground or VCC
Continuous
Operating Temperature Range (TA)
b
40 Cto a85 C
Maximum Junction Temperature
a
150 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec)
a
260 C
ESD Susceptibility (Note 3)
600V
Electrical Characteristics 9V s VCC s 16V Iset e 20 mA Tj e 25 C (unless otherwise specified)
Parameter
Conditions
Min
Typ
Max
Units
Quiescent Current
All Outputs ‘‘Off’’
140
300
mAdc
Reference Voltage
Iref e 10 mA
58
64
70
Vdc
Reference Voltage
9V s VCC s 16V Iref e 10 mA
g
5
g
50
mVdc
Line Regulation
Iset Voltage
Iset e 20 mA
120
140
160
Vdc
Input Offset Voltage
At Output Switch Point VO e 2V
g
10
g
50
mVdc
9V s VCM s 16V
Input Offset Current
IIN(a) b IIN(b) 9V s VCM s 16V
g
010
g
100
m
Adc
Input Bias Current
IIN(a) or IIN(b) 9V s VCM s 16V
1800
2000
2200
m
Adc
Input Common Mode
400
260
Vdc
Voltage Range
Maximum Positive
Either Input T s 100 ms
60
70
V
Input Transient
Maximum Negative
Either Input T s 100 ms
b
50
b
60
V
Input Transient
Output Saturation
IO e 2 mA 9V s VCC s 16V
080
100
Vdc
Voltage
IO e 10 mA 9V s VCC s 16V
100
120
Vdc
Output Short Circuit
VO e 0Vdc Comparator ‘‘ON’’
20
45
1200
mAdc
Current
Output Leakage Current
VO e 0Vdc Comparator ‘‘Off’’
001
100
m
Adc
Test Threshold
At Switch Point on Any Output
080
125
200
Vdc
Voltage
VO e 2V (Note 2)
Test Threshold
02
m
Adc
Current
Note 1
Thermal resistance from junction to ambient is typically 53 CW (board mounted)
Note 2
The test pin is an active high input ie all five will be forced high when this pin is driven high
Note 3
CESD e 100 pF RESD e 15k
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com