Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD1016API Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ISD1016API
Description  Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD1016API Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ISD1016API Datasheet HTML 1Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 2Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 3Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Product Data Sheets
ISD1000A Series
1–3
1
to achieve longer recording durations. The non-
volatile storage array is based on production-
proven, low-power CMOS EEPROM technology.
The highly integrated ISD1000A Series contains
all the basic functions required for high-quality
voice Recording and Playback. The noise-cancel-
ling Microphone Preamplifier and Automatic Gain
Control (AGC) record both low-volume and high-
volume sounds. The AGC attack and release
times are adjusted by an external resistor and
capacitor. Antialiasing is performed by a continu-
ous fifth-order Chebyshev filter, requiring no exter-
nal components or clocks to give toll-quality
reproduction. The low corner of the passband is
user-settable by two external capacitors. The
devices contain their own temperature-stabilized
timebase oscillator.
The ISD1000A devices drive a speaker directly
through differential outputs. This boosts power by
four times and eliminates the need for a series
capacitor or an output amplifier. The device will
operate from a single power supply or from batter-
ies. The device also includes a power down func-
tion for applications where minimum power
consumption is critical. The CMOS-based design,
combined with the nonvolatile storage array,
assures the lowest possible overall power con-
sumption.
On-chip control functions make the ISD1000A
Series very easy to use in a wide array of applica-
tions. Each device offers a variety of operating
modes and interface options. The devices may be
used in applications that require little more than a
few switches and a battery. The devices may also
be integrated into electronic systems where digital
addresses can be provided for more sophisti-
cated message addressing and control. The
ISD1000A array is organized into 160 segments.
Addresses A0 through A7 provide access to each
segment in the array for message addressing.
Addressing provides the capability of construct-
ing messages by combining stored phrases and
sounds.
PIN DESCRIPTIONS
Voltage Inputs (VCCA, VCCD)
To minimize noise, the analog and digital circuits
in the ISD1000A Series devices use separate
power busses. These voltage busses are brought
out to separate pins and should be tied together
as close to the supply as possible. In addition,
these supplies should be decoupled as close to
the package as possible.
Ground Inputs (VSSA, VSSD)
The ISD1000A Series of devices utilizes separate
analog and digital ground busses.
These pins
should be tied together as close to the package
as possible and connected through a low-imped-
ance path to power supply ground.
Power Down Input (PD)
When not recording or playing back, the PD pin
should be pulled HIGH to place the part in a very
low power mode (see ISB specification). When
EOM pulses LOW for an overflow condition, PD
should be brought HIGH to reset the address
pointer back to the beginning of the Record/Play-
back space.
SSD
SSA
M0/A0
M1/A1
M2/A2
M3/A3
M4/A4
M5/A5
NC
NC
A6
A7
AUX IN
V
V
SP+
V
P/R
XCLK
EOM
PD
CE
NC
ANA OUT
ANA IN
AGC
MIC REF
MIC
V
SP–
CCD
CCA
DIP/SOIC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ISD1000A SERIES PINOUTS
06.DataBook_1000A Dsht Page 3 Friday, September 27, 1996 10:44 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com