Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD1016API Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ISD1016API
Description  Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD1016API Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ISD1016API Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 11Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 12Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 13Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 14Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 15Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
1–12
Product Data Sheets
ISD1000A Series
-1
TYPICAL PARAMETER VARIATION WITH VOLTAGE AND TEMPERATURE
(PACKAGED PARTS)
-40
25
20
15
10
5
0
25
70
85
Temperature (C)
-40
25
70
85
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
Temperature (C)
-40
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
25
70
85
Temperature (C)
-40
0.6
0.5
0.4
0.3
0.2
0.1
0
25
70
85
Temperature (C)
TOTAL HARMONIC DISTORTION
OSCILLATOR STABILITY
RECORD MODE OPERATING CURRENT (ICC)
STANDBY CURRENT (ISB)
5.5 Volts
4.5 Volts
06.DataBook_1000A Dsht Page 12 Friday, September 27, 1996 10:44 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com