Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD1016API Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ISD1016API
Description  Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD1016API Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ISD1016API Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 11Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 12Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 13Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 14Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 15Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 16Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Product Data Sheets
ISD1000A Series
1–13
1
ABSOLUTE MAXIMUM RATINGS (DIE)
NOTE:
Stresses above those listed may cause permanent
damage to the device. Exposure to the absolute
maximum ratings may affect device reliability.
Functional operation is not implied at these
conditions.
Condition
Value
Junction temperature
150
° C
Storage temperature range
–65
° C to +150° C
Voltage applied to any pad
(VSS – 0.3 V) to
(VCC + 0.3 V)
Voltage applied to any pad
(Input current limited to
±20 mA)
(VSS – 1.0 V) to
(VCC + 1.0 V)
VCC - VSS
– 0.3 V to + 7.0 V
OPERATING CONDITIONS (DIE)
NOTES: 1.
Case temperature.
2.
VCC = VCCA = VCCD.
3.
VSS = VSSA = VSSD.
Condition
Value
Commercial operating
temperature range (1)
0
° C to +50° C
Supply voltage (VCC)
(2)
+4.5 V to +6.5 V
Ground voltage (VSS)
(3)
0 V
DC PARAMETERS (DIE)
Symbol
Parameters
Min(2)
Typ(1)
Max(2)
Units
Conditions
VIL
Input Low Voltage
0.8
V
VCC = 4.5 V to 5.5 V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
0.4
V
IOL = 4.0 mA
VOH
Output High Voltage
2.4
V
IOH = –1.6 mA,
VCC = 4.5 V to 5.5 V
VOH1
Output High Voltage
VCC–0.4
V
IOH = – 10 µA
ICC
VCC Current (Operating)
25
30
mA
REXT = ∞
(3)
ISB
VCC Current (Standby)
1
10
µA
(3)
IIL
Input Leakage Current
±1
µA
REXT
Output Load Impedance
16
Speaker Load
RMIC
Preamp In Input Resistance
10
K
Pins 17, 18
RAUX
AUX Input Resistance
10
K
VCC = 4.5 V to 5.5 V
RANA IN
ANA IN Input Resistance
3.0
K
06.DataBook_1000A Dsht Page 13 Friday, September 27, 1996 10:44 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com