Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD1016API Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ISD1016API
Description  Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD1016API Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ISD1016API Datasheet HTML 3Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Product Data Sheets
ISD1000A Series
1–7
1
LOW-going CE signal, at which point the current
address/mode levels are sampled and executed.
NOTE
The two MSBs are on pins 9 and 10 for
each ISD1000A Series member.
OPERATIONAL MODES DESCRIPTION
The Operational Modes can be used in conjunc-
tion with a microcontroller, or they can be hard-
wired to provide the desired system operation.
M0 — Message Cueing
Message Cueing allows the user to skip through
messages, without knowing the actual physical
addresses of each message.
Each CE LOW
pulse causes the internal address pointer to skip
to the next message. This mode should be used
for Playback only, and is typically used with the
M4 Operational Mode.
M1 — Delete EOM Markers
The M1 Operational Mode allows sequentially
recorded messages to be combined into a single
message with only one EOM marker set at the end
of the combined message. When this operational
mode is configured, messages recorded sequen-
tially are played back as one continuous mes-
sage.
M2 — Used for Cascading
During playback, EOM goes LOW at array over-
flow only. Normal EOM pulses are turned off.
M3 — Message Looping
The M3 Operational Mode allows for the auto-
matic, continuously repeated playback of the
message located at the beginning of the address
space. A message CANNOT completely fill the
ISD1000A device and loop.
M4 — Consecutive Addressing
During normal operations, the address pointer will
reset when a message is played through to an
EOM marker. The M4 Operational Mode inhibits
the address pointer reset on EOM, allowing mes-
sages to be played back consecutively.
M5 — CE Level Activated
The default mode for ISD1000A devices is for CE
to be edge-activated on Playback and level-acti-
vated on Record. The M5 Operational Mode
causes the CE pin to be interpreted as level-acti-
vated as opposed to edge-activated during Play-
back. This is specifically useful for terminating
Playback operations using the CE signal. In this
mode, CE LOW begins a Playback cycle at the
beginning of device memory.
06.DataBook_1000A Dsht Page 7 Friday, September 27, 1996 10:44 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com