Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISD1016API Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ISD1016API
Description  Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD1016API Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ISD1016API Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 11Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 12Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 13Page - List of Unclassifed Manufacturers ISD1016API Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1–10
Product Data Sheets
ISD1000A Series
-1
NOTES: 1.
Typical values @ TA = 25° C and 5.0 V.
2.
All Min/Max limits are guaranteed by ISD via electrical testing or characterization.
Not all specifications are 100% tested.
3.
VCCA and VCCD connected together.
AC PARAMETERS (PACKAGED PARTS)
RANA IN
ANA IN Input Resistance
3.0
K
APRE1
Preamp Gain 1
24
dB
AGC = 0.0 V,
VCC = 4.5 V to 5.5 V
APRE2
Preamp Gain 2
– 45
15
dB
AGC = 2.5 V
AAUX
AUX IN/ SP+ Gain
0.9
V/V
VCC = 4.5 V to 5.5 V
AARP
ANA IN to SP+/- Gain
22
dB
RAGC
AGC Output Resistance
5
K
IPREH
Preamp Out Source
– 1
mA
@ VOUT = 1.0 V,
VCC = 4.5 V to 5.5 V
IPREL
Preamp In Sink
0.8
mA
@ VOUT = 2.0 V,
VCC = 4.5 V to 5.5 V
Symbol
Characteristic
Min(2)
Typ (1)
Max(2)
Units
Conditions
FS
Internal Clock
— ISD1016A
Sampling Frequency
— ISD1020A
8
6.4
KHz
KHz
(9)
(9)
FCF
Filter Pass Band
— ISD1016A
— ISD1020A
3.4
2.7
KHz
KHz
3 dB Roll-Off Point(3)(10)
3 dB Roll-Off Point(3)(10)
TREC
Record Duration
— ISD1016A
— ISD1020A
16
20
sec
sec
TPLAY
Playback Duration
— ISD1016A
— ISD1020A
16
20
sec
sec
(9)
(9)
TCE
CE Pulse Width
— ISD1016A
— ISD1020A
100
100
nsec
nsec
TSET
Control/Address Setup Time
— ISD1016A
— ISD1020A
300
300
nsec
nsec
THOLD
Control/Address Hold Time
— ISD1016A
— ISD1020A
0
0
nsec
nsec
TPUD
Power-Up Delay
— ISD1016A
— ISD1020A
18.75
31.25
msec
msec
Symbol
Parameters
Min(2)
Typ (1)
Max(2)
Units
Conditions
DC PARAMETERS (PACKAGED PARTS) – CONTINUED
06.DataBook_1000A Dsht Page 10 Friday, September 27, 1996 10:44 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com