Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV1006-125-R Datasheet(PDF) 20 Page - Vicor Corporation

Part # FPV1006-125-R
Description  8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPV1006-125-R Datasheet(HTML) 20 Page - Vicor Corporation

Back Button FPV1006-125-R Datasheet HTML 16Page - Vicor Corporation FPV1006-125-R Datasheet HTML 17Page - Vicor Corporation FPV1006-125-R Datasheet HTML 18Page - Vicor Corporation FPV1006-125-R Datasheet HTML 19Page - Vicor Corporation FPV1006-125-R Datasheet HTML 20Page - Vicor Corporation FPV1006-125-R Datasheet HTML 21Page - Vicor Corporation FPV1006-125-R Datasheet HTML 22Page - Vicor Corporation FPV1006-125-R Datasheet HTML 23Page - Vicor Corporation FPV1006-125-R Datasheet HTML 24Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 20 of 30
12/2015
800 927.9474
PI34xx-00
Efficiency at 25°C
I
OUT (A)
8 Vin
12 Vin
18 Vin
100
50
15
0
95
90
85
80
75
70
65
60
55
1
2
3
45
6
7
8
9
10
11
12
13
14
Figure 25 — Regulator and inductor performance
Figure 26 — VOUT (Ch1) = 2 V/Div, IIN (Ch4) = 5 A/Div, 800 µs/Div
Figure 28 — 12 VIN to 5.0 VOUT, COUT = 8 X 47 µF Ceramic
VOUT (Ch2) = 200 mV/Div, IOUT (Ch1) = 10 A/Div, 100 µS/Div
Switching Frequency vs. Load Current
I
OUT (A)
8 Vin
12 Vin
18 Vin
0
15
800
700
600
500
400
300
200
100
1
2
3
45
6
7
8
9
10
11
12
13
14
Figure 27 — Switching Frequency vs. Load Current
PI3424-00-LGIZ (5.0 VOUT) Electrical Characteristics
Figure 30 — Output Ripple 12 VIN 5.0 VOUT at 7.0 A; COUT = 8 x 47 µF
Figure 29 — Output Ripple 12 VIN 5.0 VOUT at 15 A; COUT = 8 x 47 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com