Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV1006-125-R Datasheet(PDF) 26 Page - Vicor Corporation

Part # FPV1006-125-R
Description  8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPV1006-125-R Datasheet(HTML) 26 Page - Vicor Corporation

Back Button FPV1006-125-R Datasheet HTML 22Page - Vicor Corporation FPV1006-125-R Datasheet HTML 23Page - Vicor Corporation FPV1006-125-R Datasheet HTML 24Page - Vicor Corporation FPV1006-125-R Datasheet HTML 25Page - Vicor Corporation FPV1006-125-R Datasheet HTML 26Page - Vicor Corporation FPV1006-125-R Datasheet HTML 27Page - Vicor Corporation FPV1006-125-R Datasheet HTML 28Page - Vicor Corporation FPV1006-125-R Datasheet HTML 29Page - Vicor Corporation FPV1006-125-R Datasheet HTML 30Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 26 of 30
12/2015
800 927.9474
PI34xx-00
Table 6 — Capacitor manufacturer part numbers
IN
C
IN
V
IN
V
OUT
C
Figure 41 — Typical Buck Regulator
OUT
C
NV
OUT
C
NV
I
NV
C
Figure 42 — Current flow: Q1 closed
OUT
C
NV
C
OUT
C
NV
I
NV
C
Figure 43 — Current flow: Q2 closed
IN
C
OUT
C
OUT
IN
V
V
GND
VSW
GND
Figure 44 — Recommended component placement and metal routing
Murata Part Number
Description
GRM188R71C105KA12D
1 µF 16 V 0603 X7R
GRM319R71H104KA01D
0.1 µF 50 V 1206 X7R
GRM31CR60J107ME39L
100 µF 6.3 V 1206 X5R
GRM31CR61A476ME15L
47 µF 10 V 1206 X5R
GRM31CR61E226KE15L
22 µF 25 V 1206 X5R
Layout Guidelines
To achieve maximum efficiency and low noise performance
from a PI34xx-00 design, layout considerations are necessary.
Reducing trace resistance and minimizing high current loop
returns along with proper component placement will
contribute to optimal performance.
A typical buck regulator circuit is shown in Figure 41. The
potential areas of high parasitic inductance and resistance
are the circuit return paths, shown as LR below.
The path between the COUT and CIN capacitors is of particular
importance since the AC currents are flowing through both
of them when Q1 is turned on.
Figure 42, schematically, shows the reduced trace length
between input and output capacitors. The shorter path
lessens the effects that copper trace parasitics can have on
the PI34xx-00 performance.
When Q1 is on and Q2 is off, the majority of CIN’s current is
used to satisfy the output load and to recharge the COUT
capacitors. When Q1 is off and Q2 is on, the load current is
supplied by the inductor and the COUT capacitor as shown in
Figure 43. During this period CIN is also being recharged by
the VIN. Minimizing CIN loop inductance is important to
reduce peak voltage excursions when Q1 turns off. Also, the
difference in area between the CIN loop and COUT loop is vital
to minimize switching and GND noise.
The recommended component placement, shown in Figure
44
, illustrates the tight path between CIN and COUT (and VIN
and VOUT) for the high AC return current. This optimized
layout is used on the PI34xx-00 evaluation board.
Figure 45 details the recommended receiving footprint for
PI34xx-00 10 mm x 14 mm package. All pads should have a
final copper size of 0.55 mm x 0.5 5mm, whether they are
solder-mask defined or copper defined, on a 1 mm x 1 mm
grid. All stencil openings are 0.55 mm when using
6mil stencil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com