Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV1006-125-R Datasheet(PDF) 21 Page - Vicor Corporation

Part # FPV1006-125-R
Description  8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPV1006-125-R Datasheet(HTML) 21 Page - Vicor Corporation

Back Button FPV1006-125-R Datasheet HTML 17Page - Vicor Corporation FPV1006-125-R Datasheet HTML 18Page - Vicor Corporation FPV1006-125-R Datasheet HTML 19Page - Vicor Corporation FPV1006-125-R Datasheet HTML 20Page - Vicor Corporation FPV1006-125-R Datasheet HTML 21Page - Vicor Corporation FPV1006-125-R Datasheet HTML 22Page - Vicor Corporation FPV1006-125-R Datasheet HTML 23Page - Vicor Corporation FPV1006-125-R Datasheet HTML 24Page - Vicor Corporation FPV1006-125-R Datasheet HTML 25Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 21 of 30
12/2015
800 927.9474
PI34xx-00
PI3420 Load Current vs.
Ambient Temperature, 0 LFM
Ambient Temperature (°C)
8 Vin
12 Vin
18 Vin
16
14
12
10
8
6
4
2
0
25
35
45
55
65
75
85
95
105
115
Figure 31 — PI3420 - Load Current vs. Ambient Temperature, 0 LFM
PI3422 Load Current vs.
Ambient Temperature, 0 LFM
Ambient Temperature (°C)
8 Vin
12 Vin
18 Vin
16
14
12
10
8
6
4
2
0
25
35
45
55
65
75
85
95
105
115
Figure 32 — PI3422 - Load Current vs. Ambient Temperature, 0 LFM
PI3421 Load Current vs.
Ambient Temperature, 0 LFM
Ambient Temperature (°C)
8 Vin
12 Vin
18 Vin
16
14
12
10
8
6
4
2
0
25
35
45
55
65
75
85
95
105
115
Figure 34 — PI3421 - Load Current vs. Ambient Temperature, 0 LFM
PI3424 Load Current vs.
Ambient Temperature, 0 LFM
Ambient Temperature (°C)
8 Vin
12 Vin
18 Vin
16
14
12
10
8
6
4
2
0
25
35
45
55
65
75
85
95
105
115
Figure 33 — PI3424 - Load Current vs. Ambient Temperature, 0 LFM
Thermal Derating Curves
PI3423 Load Current vs.
Ambient Temperature, 0 LFM
Ambient Temperature (°C)
8 Vin
12 Vin
18 Vin
16
14
12
10
8
6
4
2
0
25
35
45
55
65
75
85
95
105
115
Figure 35 — PI3423 - Load Current vs. Ambient Temperature, 0 LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com