Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV1006-125-R Datasheet(PDF) 23 Page - Vicor Corporation

Part # FPV1006-125-R
Description  8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPV1006-125-R Datasheet(HTML) 23 Page - Vicor Corporation

Back Button FPV1006-125-R Datasheet HTML 19Page - Vicor Corporation FPV1006-125-R Datasheet HTML 20Page - Vicor Corporation FPV1006-125-R Datasheet HTML 21Page - Vicor Corporation FPV1006-125-R Datasheet HTML 22Page - Vicor Corporation FPV1006-125-R Datasheet HTML 23Page - Vicor Corporation FPV1006-125-R Datasheet HTML 24Page - Vicor Corporation FPV1006-125-R Datasheet HTML 25Page - Vicor Corporation FPV1006-125-R Datasheet HTML 26Page - Vicor Corporation FPV1006-125-R Datasheet HTML 27Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Cool-Power®
Rev 1.3
vicorpower.com
Page 23 of 30
12/2015
800 927.9474
PI34xx-00
Figure 37 — PI34xx-00 parallel operation
SGND
VS1
PGND
REM
TRK
EAO
(#1)
SGND
VS1
PGND
REM
(#2)
EN
EAO(#2)
TRK(#2)
EN(#2)
PGD
SYNCI
SYNCO
SYNCI(#2)
SYNCO(#2)
R1
TRK
EAO
EN
EAO(#1)
TRK(#1)
EN(#1)
PGD
SYNCI
SYNCO
SYNCI(#1)
SYNCO(#1)
V
IN
V
IN
V
OUT
V
OUT
C
IN
C
OUT
L1
L1
V
IN
V
IN
V
OUT
C
IN
C
OUT
ZVS Buck
ZVS Buck
Table 2 — PI34xx-00 family output voltage ranges
Device
Output Voltage
Set
Range
PI3420-00-LGIZ
1.0 V
1.0 to 1.4 V
PI3421-00-LGIZ
1.8 V
1.4 to 2.0 V
PI3422-00-LGIZ
2.5 V
2.0 to 3.1 V
PI3423-00-LGIZ
3.3 V
2.3 to 4.1 V
PI3424-00-LGIZ
5.0 V
3.3 to 6.5 V
Output Overvoltage Protection
The PI34xx-00 family is equipped with output Overvoltage
Protection (OVP) to prevent damage to input voltage
sensitive devices. If the output voltage exceeds 20% of its set
regulated value, the regulator will complete the current cycle,
stop switching and issue an OVP fault. The system will
resume operation once the output voltage falls below the
OVP threshold and after Fault Restart Delay.
Overtemperature Protection
The internal package temperature is monitored to prevent
internal components from reaching their thermal maximum.
If the Over Temperature Protection Threshold (OTP) is
exceeded (TOTP), the regulator will complete the current
switching cycle, enter a low power mode, set a fault flag, and
will soft-start when the internal temperature falls below Over-
Temperature Restart (TOTP_HYS).
Parallel Operation
Paralleling modules can be used to increase the output
current capability of a single power rail and reduce output
voltage ripple.
By connecting the EAO pins and SGND pins of each module
together the units will share the current equally. When the
TRK pins of each unit are connected together, the units will
track each other during soft-start and all unit EN pins have to
be released to allow the units to start (See Figure 37). Also,
any fault event in any regulator will disable the other
regulators. The two regulators will be out of phase with each
other reducing output ripple (refer to Switching Frequency
Synchronization).
To provide synchronization between regulators over the
entire operational frequency range, the Parallel Good (PGD)
pin must be connected to the lead regulator’s (#1) SYNCI pin
and a 2.5 kΩ Resistor, R1, must be placed between SYNCO
(#2) return and the lead regulator’s SYNCI (#1) pin, as shown
in Figure 37. In this configuration, at system soft-start, the
PGD pin pulls SYNCI low forcing the lead regulator to
initialize the open-loop startup synchronization. Once the
regulators reach regulation, SYNCI is released and the system
is now synchronized in a closed-loop configuration which
allows the system to adjust, on the fly, when any of the
individual regulators begin to enter variable frequency mode
in the loop.
Pulse Skip Mode (PSM)
PI34xx-00 features a PSM to achieve high efficiency at light
loads. The regulators are setup to skip pulses if EAO falls
below a PSM threshold. Depending on conditions and
component values, this may result in single pulses or several
consecutive pulses followed by skipped pulses. Skipping
cycles significantly reduces gate drive power and improves
light load efficiency. The regulator will leave PSM once the
EAO rises above the Skip Mode threshold.
Variable Frequency Operation
Each PI34xx-00 is preprogrammed to a base operating
frequency, with respect to the power stage inductor (see
Table 4), to operate at peak efficiency across line and load
variations. At low line and high load applications, the base
frequency will decrease to accommodate these extreme
operating ranges. By stretching the frequency, the ZVS
operation is preserved throughout the total input line voltage
range therefore maintaining optimum efficiency.
Application Description
Output Voltage Trim
The PI34xx-00 family of Buck Regulators provides five
common output voltages: 1.0 V, 1.8 V, 2.5 V, 3.3 V and 5.0 V. A
post-package trim step is implemented to offset any resistor
divider network errors ensuring maximum output accuracy.
With a single resistor connected from the ADJ pin to SGND or
REM, each device’s output can be varied above or below the
nominal set voltage (the PI3420-00 can only be adjusted
above the set voltage of 1 V).
The remote pin (REM) should always be connected to the
VOUT pin to prevent an output voltage offset. Figure 38 shows
the internal feedback voltage divider network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com