Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPV1006-125-R Datasheet(PDF) 24 Page - Vicor Corporation

Part # FPV1006-125-R
Description  8 V to 18 Vin, 15 A Cool-Power ZVS Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPV1006-125-R Datasheet(HTML) 24 Page - Vicor Corporation

Back Button FPV1006-125-R Datasheet HTML 20Page - Vicor Corporation FPV1006-125-R Datasheet HTML 21Page - Vicor Corporation FPV1006-125-R Datasheet HTML 22Page - Vicor Corporation FPV1006-125-R Datasheet HTML 23Page - Vicor Corporation FPV1006-125-R Datasheet HTML 24Page - Vicor Corporation FPV1006-125-R Datasheet HTML 25Page - Vicor Corporation FPV1006-125-R Datasheet HTML 26Page - Vicor Corporation FPV1006-125-R Datasheet HTML 27Page - Vicor Corporation FPV1006-125-R Datasheet HTML 28Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
R1, R2, and R4 are all internal 1.0 % resistors and R_low and
R_high are external resistors for which the designer can add
to modify VOUT to a desired output. The internal resistor
values for each regulator are listed next in Table 3.
By choosing an output voltage value within the ranges stated
in Table 2, VOUT can simply be adjusted up or down by
selecting the proper R_high or R_low value, respectively. The
following equations can be used to calculate R_high and
R_low values:
If, for example, a 4.0 V output is needed, the user should
choose the regulator with a trim range covering 4.0 V from
Table 2. For this example, the PI3423 is selected (3.3 V set
voltage). First step would be to use Equation (1) to calculate
R_HIGH since the required output voltage is higher than the
regulator set voltage. The resistor-divider network values for
the PI3423 can be found in Table 3 and are
R1 = 2.61k Ω and R2 = 1.13 kΩ. Inserting these values in to
Equation (1), R_HIGH is calculated as follows:
Resistor R_high should be connected as shown in Figure 38
to achieve the desired 4.0 V regulator output. No external
R_low resistor is need in this design example since the trim is
above the regulator set voltage.
The PI3420 output voltage can only be trimmed higher than
the factory 1 V setting. The following Equation (3) can be
used calculate Rhigh values for the PI3420 regulators.
Soft-Start Adjust and Tracking
The TRK pin offers a means to increase the regulator’s soft-
start time or to track with additional regulators. . The soft-
start slope is controlled by an internal capacitor and a fixed
charge current to provide a Soft-Start Time tSS for all for all
PI34xx-00 regulators. By adding an additional external
capacitor to the TRK pin, the soft-start time can be increased
further. The following equation can be used to calculate the
proper capacitor for a desired soft-start times:
CTRK = (tTRK xITRK) – 100 x 10 -9,
where, tTRK is the soft-start time and ITRK is a 50 μA internal
charge current (see Electrical Characteristics for limits).
There is typically either a proportional or direct tracking
method implemented within a tracking design. For
proportional tracking between several regulators at startup,
simply connect all devices TRK pins together. This type of
tracking will force all connected regulators to startup and
reach regulation at the same time (see Figure 39 (a)).
For Direct Tracking, choose the regulator with the highest
output voltage as the master and connect the master TRK pin
to the TRK pin of the other regulators through a divider
(Figure 40) with the same ratio as the slave’s feedback
divider (see Table 3 for values).
All connected regulators’ soft-start slopes will track with this
method. Direct tracking timing is demonstrated in
Figure 39 (b).
Cool-Power®
Rev 1.3
vicorpower.com
Page 24 of 30
12/2015
800 927.9474
PI34xx-00
+
-
ADJ
REM
V
OUT
R2
R1
R4
SGND
R
low
R
high
1.0 Vdc
Figure 38 — Internal resistor divider network
Table 3 — PI34xx-00 Internal divider values
(b)
(a)
2
OUT
V
OUT
Master V
2
OUT
V
1
OUT
V
t
Figure 39 — PI34xx-00 tracking methods
Device
R1
R2
R4
PI3420-00-LGIZ
1 k
100
PI3421-00-LGIZ
0.806 k
1.0 k
100
PI3422-00-LGIZ
1.5 k
1.0 k
100
PI3423-00-LGIZ
2.61 k
1.13 k
100
PI3424-00-LGIZ
4.53 k
1.13 k
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com