Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR12 Datasheet(PDF) 2 Page - Supertex, Inc

Part # LR12
Description  High Input Voltage, Adjustable 3-Terminal Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR12 Datasheet(HTML) 2 Page - Supertex, Inc

  LR12_13 Datasheet HTML 1Page - Supertex, Inc LR12_13 Datasheet HTML 2Page - Supertex, Inc LR12_13 Datasheet HTML 3Page - Supertex, Inc LR12_13 Datasheet HTML 4Page - Supertex, Inc LR12_13 Datasheet HTML 5Page - Supertex, Inc LR12_13 Datasheet HTML 6Page - Supertex, Inc LR12_13 Datasheet HTML 7Page - Supertex, Inc LR12_13 Datasheet HTML 8Page - Supertex, Inc LR12_13 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-LR12
C080113
LR12
Pin Configuration
Absolute Maximum Ratings
Parameter
Value
V
IN-ADJ
-0.5V to +120V
V
OUT-ADJ
-10V to +10V
V
IN - VOUT
-0.5V to +120V
Operating ambient temperature
-40°C to +85°C
Operating junction temperature
-40°C to +125°C
Storage temperature
-65°C to +150°C
Power Dissipation @ T
A = 25
O
C
TO-252 (D-PAK)
8-Lead SOIC
TO-92
2.0W
1.8W
0.6W
Package
θ
ja (
O
C/W)
TO-252
81OC/W
8-Lead SOIC
101OC/W
TO-92
132OC/W
Sym
Parameter
Min
Typ
Max
Units
Conditions
V
IN - VOUT
Input to output voltage difference
12
-
98.8
V
---
V
OUT
Overall output voltage regulation 1.14
1.20
1.26
V
13.2V < V
IN <100V, R1 = 2.4KΩ, R2 = 0
ΔV
OUT
Line regulation
-
0.003 0.03
%/V
15V < V
IN <100V, VOUT = 5.0V, IOUT = 0.5A
Load regulation
-
1.4
3.0
%
V
IN = 15V, VOUT = 5.0V,
0.5mA< I
OUT<50mA
Temperature regulation
-1.0
-
+1.0
%
V
IN = 15V, VOUT = 5.0V, IOUT = 10mA,
-40OC < T
A < 85
O
C
Electrical Characteristics (Test conditions unless otherwise specified: -40OC < T
A < +85
O
C)
8-Lead SOIC
TO-252 (D-PAK)
Product Marking
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YYWW
LR12
LLLL
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
Si YYWW
LR12K4
LLLLLLL
Y = Last Digit of Year Sealed
W = Code for Week Sealed
L = Lot Number
= “Green” Packaging
Si
LR
12
Y WLL
TO-92
TO-252 (D-PAK)
8-Lead SOIC
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
TO-92
VIN
ADJ
VOUT
ADJ
NC
NC
VIN
VOUT
VOUT
VOUT
VOUT
ADJ
VIN
VOUT
Ordering Information
Part Number
Package Options
Packing
LR12K4-G
TO-252 (D-PAK)
2000/Reel
LR12LG-G
8-Lead SOIC
2500/Reel
LR12N3-G
TO-92
1000/Bag
LR12N3-G P002
TO-92
2000/Reel
LR12N3-G P003
TO-92
2000/Reel
LR12N3-G P005
TO-92
2000/Reel
LR12N3-G P013
TO-92
2000/Reel
LR12N3-G P014
TO-92
2000/Reel
-G denotes a lead (Pb)-free / RoHS compliant package
Typical Thermal Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com