Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR12 Datasheet(PDF) 4 Page - Supertex, Inc

Part # LR12
Description  High Input Voltage, Adjustable 3-Terminal Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR12 Datasheet(HTML) 4 Page - Supertex, Inc

  LR12_13 Datasheet HTML 1Page - Supertex, Inc LR12_13 Datasheet HTML 2Page - Supertex, Inc LR12_13 Datasheet HTML 3Page - Supertex, Inc LR12_13 Datasheet HTML 4Page - Supertex, Inc LR12_13 Datasheet HTML 5Page - Supertex, Inc LR12_13 Datasheet HTML 6Page - Supertex, Inc LR12_13 Datasheet HTML 7Page - Supertex, Inc LR12_13 Datasheet HTML 8Page - Supertex, Inc LR12_13 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Supertex inc.
www.supertex.com
Doc.# DSFP-LR12
C080113
LR12
Figure 3: High Voltage Adjustable Constant Current Source
Figure 2: SMPS Start-Up Circuit
Typical Application Circuits
FB
LR12
V
IN = 15 to 100V
VOUT1
V
OUT2
+
+
-
-
VCC
VAUX
VOUT
ADJ
VIN
PWM IC
R
I
OUT =
1.20V
R
+
-
100nF
V
IN =
15 - 100V
VOUT
ADJ
VIN
LR12
Figure 1: High Input Voltage, 5.0V Output Linear Regulator
* Required for conditions where V
IN is less than VOUT.
LR12
V
IN =
17 - 100V
*
R
2
18.2k
±1%
C
2
100nF
C
1
V
OUT = 5.0V
V
OUT = 1.20V
+ I
ADJ R2
1+
R
2
R
1
VOUT
ADJ
VIN
R
LOAD ≤ 16.5k
R
1
6.04k
±1%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com