Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR12 Datasheet(PDF) 1 Page - Supertex, Inc

Part # LR12
Description  High Input Voltage, Adjustable 3-Terminal Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR12 Datasheet(HTML) 1 Page - Supertex, Inc

  LR12_13 Datasheet HTML 1Page - Supertex, Inc LR12_13 Datasheet HTML 2Page - Supertex, Inc LR12_13 Datasheet HTML 3Page - Supertex, Inc LR12_13 Datasheet HTML 4Page - Supertex, Inc LR12_13 Datasheet HTML 5Page - Supertex, Inc LR12_13 Datasheet HTML 6Page - Supertex, Inc LR12_13 Datasheet HTML 7Page - Supertex, Inc LR12_13 Datasheet HTML 8Page - Supertex, Inc LR12_13 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Supertex inc.
LR12
Supertex inc.
www.supertex.com
Doc.# DSFP-LR12
C080113
High Input Voltage, Adjustable
3-Terminal Linear Regulator
Features
► 13.2 to 100V input voltage range
► Stable with 100nF output capacitor
► Adjustable 1.20 to 88V output regulation
► 5% reference voltage tolerance
► Output current limiting, 50mA min.
► 10µA typical ADJ current
► Over temperature protection
► Available in 3 different packages
Applications
► DC/DC SMPS startup circuits
► Adjustable high voltage constant current sources
► Industrial controls
► Motor controls
► Battery powered systems
► Power supplies
► Telecom applications
► LED drivers
► Automotive applications
General Description
The Supertex LR12 is a high voltage, low output current,
adjustable linear regulator. It has a wide operating input voltage
range of 13.2 - 100V. The output voltage can be adjusted from
1.20 - 88V, provided that the input voltage is at least 12V greater
than the output voltage. The output voltage can be adjusted
by means of two external resistors R
1 and R2 as shown in the
typical application circuits. The LR12 regulates the voltage
difference between VOUT and ADJ pins to a nominal value of
1.20V. The 1.20V is amplified by the external resistor ratio R
1
and R
2. An internal constant bias current of typically 10µA is
connected to the ADJ pin. This increases V
OUT by a constant
voltage of 10µA times R
2.
The LR12 has current limiting and temperature limiting. The
output current limit is 100mA maximum and the minimum
temperature limit is 125°C. An output short circuit current will
therefore be limited to 100mA maximum. When the junction
temperature reaches its temperature limit, the output current
and/or output voltage will decrease to keep the junction
temperature from exceeding its temperature limit. For SMPS
start-up circuit applications, the LR12 turns off when an external
voltage greater than the output voltage of the LR12 is applied
to VOUT of the LR12. To maintain stability, a bypass capacitor
of 100nF or larger and a minimum DC output current of 500µA
are required.
LR12 Typical Application
V
IN
13.2 to 100V
*
* Required for conditions where V
IN is less than VOUT.
R
1
R
2
C
2
C
1
R
LOAD
V
OUT
1.2 to 88V
LR12
VOUT
ADJ
VIN


Similar Part No. - LR12_13

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LR12010 WELWYN-LR12010 Datasheet
537Kb / 2P
Low Value Flat Chip Resistor
LR12512 WELWYN-LR12512 Datasheet
537Kb / 2P
Low Value Flat Chip Resistor
More results

Similar Description - LR12_13

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR8 SUTEX-LR8 Datasheet
601Kb / 11P
High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Supertex, Inc
LR12 SUTEX-LR12 Datasheet
833Kb / 9P
High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Sipex Corporation
SP317L SIPEX-SP317L Datasheet
573Kb / 13P
3-Terminal Adjustable Voltage Regulator
logo
Supertex, Inc
LR8 SUTEX-LR8_07 Datasheet
697Kb / 9P
High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
SHANTOU HUASHAN ELECTRO...
HTL431 HUASHAN-HTL431 Datasheet
230Kb / 3P
3-TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317_13 Datasheet
786Kb / 15P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
3-Terminal Adjustable Positive Voltage Regulator
logo
First Silicon Co., Ltd
FRR8 FS-FRR8 Datasheet
371Kb / 3P
High Input Voltage Adjustable 3-Terminal Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com