Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR12 Datasheet(PDF) 3 Page - Supertex, Inc

Part # LR12
Description  High Input Voltage, Adjustable 3-Terminal Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR12 Datasheet(HTML) 3 Page - Supertex, Inc

  LR12_13 Datasheet HTML 1Page - Supertex, Inc LR12_13 Datasheet HTML 2Page - Supertex, Inc LR12_13 Datasheet HTML 3Page - Supertex, Inc LR12_13 Datasheet HTML 4Page - Supertex, Inc LR12_13 Datasheet HTML 5Page - Supertex, Inc LR12_13 Datasheet HTML 6Page - Supertex, Inc LR12_13 Datasheet HTML 7Page - Supertex, Inc LR12_13 Datasheet HTML 8Page - Supertex, Inc LR12_13 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Supertex inc.
www.supertex.com
Doc.# DSFP-LR12
C080113
LR12
Functional Block Diagram
Electrical Characteristics (cont.)
Sym
Parameter
Min
Typ
Max Units Conditions
I
OUT
Output current limit
50
-
100
ma
T
J < 85
O
C, V
IN - VOUT < 12V
-
-
-0.5
T
J < 125
O
C, V
IN - VOUT < 100V
Minimum output current
0.5
-
-
mA
Includes R
1 and load current
I
ADJ
Adjust output current
5.0
10
15
µA
---
C2
Minimum output load
capacitance
100
-
-
nF
---
DV
OUT/DVIN
Ripple rejection ratio
50
60
-
dB
120Hz, V
OUT = 5.0V
T
LIMIT
Junction temperature limit
125
-
-
O
C
---
Overtemp &
Overcurrent
10A
1.2V
VIN
VOUT
ADJ
LR12
Pass
Element
6.5V
1.0k
Current Limit
-40
-20
0
20
40
60
80
100
100
90
80
70
60
50
Temperature (OC)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com