Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR12 Datasheet(PDF) 5 Page - Supertex, Inc

Part # LR12
Description  High Input Voltage, Adjustable 3-Terminal Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

LR12 Datasheet(HTML) 5 Page - Supertex, Inc

  LR12_13 Datasheet HTML 1Page - Supertex, Inc LR12_13 Datasheet HTML 2Page - Supertex, Inc LR12_13 Datasheet HTML 3Page - Supertex, Inc LR12_13 Datasheet HTML 4Page - Supertex, Inc LR12_13 Datasheet HTML 5Page - Supertex, Inc LR12_13 Datasheet HTML 6Page - Supertex, Inc LR12_13 Datasheet HTML 7Page - Supertex, Inc LR12_13 Datasheet HTML 8Page - Supertex, Inc LR12_13 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Supertex inc.
www.supertex.com
Doc.# DSFP-LR12
C080113
LR12
Typical Performance Curves
13.2V
2.4k
100nF
VOUT = 1.2V
VOUT
ADJ
VIN
LR12
T
(junction) (
o
C)
Temperature Variation
-50
-25
0
25
50
75
100
125
1.30
1.25
1.20
1.15
1.10
1.05
1.00
6.04k
±1%
18.2k
±1%
100nF
R
LOAD
25V
I
OUT
V
OUT = 5.0V
LR12
VOUT
ADJ
VIN
I
OUT (mA)
Load Regulation
0
5
10
15
20
25
30
35
40
45
50
5.30
5.25
5.20
5.15
5.10
5.05
5.00
4.95
4.90
4.85
4.80



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com