Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6280GP Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE6280GP
Description  3-Phase Bridge Driver IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6280GP Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE6280GP_07 Datasheet HTML 1Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 2Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 3Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 4Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 5Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 6Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 7Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 8Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Datasheet TLE6280GP
3
2007-07-19
Pin
Symbol
Function
1;18;19:36
GND
Logic Ground
8
VS
Voltage supply
20
21
CL
CH
Charge pump - capacitor
9
11
13
IH1
IH2
IH3
Control inputs for high-side switches 1 to 3
(low active)
10
12
14
IL1
IL2
IL3
Control inputs for low-side switches 1 to 3
(high active)
15
MFP
Multi function pin:
a) Disable the complete device by VMFP<1V
b) Program pin for output voltage level under short
circuit condition (VGxx –VSxx = 2xVMFP)
c) Enable shoot through option by VMFP>4.5V
17
DT
Program pin for dead time
35
DIDT
Program pin dI/dt limitation
34
VDH
Sense pin for drain voltage of the high-side Mosfets
16
ERR
Error flag for driver supply under voltage, over-
temperature and short circuit (open drain output)
2
28
22
BH1
BH2
BH3
Bootstrap supply high-side switches 1 to 3
5
31
25
BL1
BL2
BL3
Backup capacitor connection low switches 1 to 3
3
29
23
GH1
GH2
GH3
Output to gate high-side switches 1 to 3
6
32
26
GL1
GL2
GL3
Output to gate low-side switches 1 to 3
4
30
24
SH1
SH2
SH3
Connection to source high-side switches 1 to 3
7
33
27
SL1
SL2
SL3
Connection to source low-side switches 1 to 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com