Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6280GP Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE6280GP
Description  3-Phase Bridge Driver IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6280GP Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE6280GP_07 Datasheet HTML 17Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 18Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 19Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 20Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 21Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 22Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 23Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 24Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 25Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Datasheet TLE6280GP
21
2007-07-19
Typ. Short circuit detection level
Conditions:
Vs=12V
Parameter:
TJunction
Typ. Gate voltage limitation during short circuit detection
Conditions:
Vs=12V; Load at output: capacitor with 22nF; V(SHx) = GND; V(SLx) = GND;
For HS (high-side output); Short happens during on phase V(VDH)-V(SHx)=3V;
For LS (low-side output); Short happens during on phase V(SHx)-V(SLx)=3V;
Parameter:
TJunction; high-side (HS) or low-side (LS) output
Fig. 15: Short circuit detection level
1,80
1,85
1,90
1,95
2,00
2,05
2,10
2,15
2,20
2
2,2
2,4
2,6
2,8
3
3,2
3,4
3,6
3,8
4
V(MFP) [V]
HS 150°C
HS 25°C
HS -40°C
LS 150°C
LS 25°C
LS -40°C
Fig. 16: Factor between reduced gate voltage V(Gxx) in
case of short circuit and the voltage at the MFP pin
1
1,2
1,4
1,6
1,8
2
2,2
2,4
2,6
2,8
3
2,533,544,5
5
MFP voltage [V]
+150°C
+25°C
-40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com