Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6280GP Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6280GP
Description  3-Phase Bridge Driver IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6280GP Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6280GP_07 Datasheet HTML 3Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 4Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 5Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 6Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 7Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 8Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 9Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 10Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Datasheet TLE6280GP
7
2007-07-19
Shoot through protection / option
As already mentioned, the device has a built-in shoot-through protection, to avoid a simulta-
neous activation of high- and low-side switch in one half-bridge.
In case there is a short circuit in the bridge, the driver will switch off all external Mosfets. If
there is still current flowing in the motor, it is possible for the user to override this shoot
through protection.
By setting the ILx to “high”, the IHx to “low” and MFP to a level above 4.5V, all external Mos-
fets will be turned on simultaneously to blow a well-dimensioned fuse. The application will be
finally disconnected in this way from battery, and thus guarantee that the motor does not ap-
ply any uncontrolled torque.
Undervoltage warning:
If the voltage of a bootstrap capacitor CBxx reaches the undervoltage warning level the error
flag is set and will remain set until the voltage of the bootstrap capacitor has recovered.
The error signal can be seen as awarning that an undervoltage shut-down could occur soon,
and the user can take appropriate measures to avoid this. Such measures could be the
change of the duty cycle to a range of 10-90% or the ramp down of the motor.
Undervoltage shut down:
The TLE6280GP has an integrated undervoltage shut-down, to guarantee that the behavior
of the device is predictable in all voltage ranges.
If the voltage of a bootstrap capacitor CBxx reaches the undervoltage shut-down level, the
Gate-Source voltage of the affected external Mosfet will be actively pulled to low. In this
situation the short circuit detection of this output stage is deactivated to avoid a complete
&
&
NAND
Vmfp x 2
MFP
Shoot
Through
80ns
1.45 /
1.7V
Gate
control
4.5V
IHx
ILx
Levelshifter
Dissable
=
Reset
Fig. 4: Block diagram of internal structure of MFP pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com