Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6280GP Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE6280GP
Description  3-Phase Bridge Driver IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6280GP Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE6280GP_07 Datasheet HTML 6Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 7Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 8Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 9Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 10Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 11Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 12Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 13Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Datasheet TLE6280GP
10
2007-07-19
Maximum ratings
Parameter and Conditions
Symbol
Values
Unit
at Tj = -40 … +150 °C, unless otherwise specified
Supply voltage
1
VS
-4 ... 45V
V
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ...+150
-55 ...+150
°C
Max. voltage range at Ixx, MFP, DT; ERR
-0.3 ...+7
V
Max. voltage range at SLx
2
VSLx
-7 ...+7
V
Max. voltage range at SHx
3
VSHx
-7 ...+45
V
Max. voltage range at GLx
2
VGLx
-7 ...+18
V
Max. voltage range at GHx
3
VGHx
-7 ...+55
V
Max. voltage range at BHx
3
VBHx
-0.3 ...+55
V
Max. voltage range at VDH
4
VVDH
-4 ...+55
V
Max. voltage difference Bxx - Sxx
VBxx-VSxx
-0.3 ...+15
V
Max. voltage difference Gxx - Sxx
VGxx-VSxx
-0.3...+11
V
Max. voltage range at CL
VCL
-0.3 ...+10
V
Max. voltage range at CH
VCH
-0.3 ...+18
V
Max. voltage range at DIDT
VDIDT
-7 ...+7
V
Power dissipation (DC) @ TC=125°C
Ptot
1.2
W
ESD voltage (Human Body Model)
JESD22-A114-B
@ all pins
@ all pins excluding Gxx
VESD
1
2
kV
DIN humidity category, DIN 40 040
E
IEC climatic category, DIN IEC 68-1
40/150/56
Jedec Level
3
Thermal resistance
junction-case
RthJC
≤5K/W
1 With external resistor (≥10 Ω ) and capacitor – see fig.1
2 The min value -7V is reduced to –(Vs - 0.5V) if Vs<7.5V
3 The min value -7V is reduced to –(V
BHx-VSHx-1V) if bootstrap voltages <8V
4 The min value -4V is increased to –( V
BHx - VSHx) if bootstrap voltages <4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com