Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6280GP Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE6280GP
Description  3-Phase Bridge Driver IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6280GP Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE6280GP_07 Datasheet HTML 8Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 9Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 10Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 11Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 12Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 13Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 14Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 15Page - Infineon Technologies AG TLE6280GP_07 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Datasheet TLE6280GP
12
2007-07-19
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at Tj = –40 … +150 °C, unless otherwise specified
and supply voltage range VS = 8 ... 20V; fPWM = 20kHz
min
typ
max
Static Characteristics
Low level output voltage (VGxx-VSxx) @ I=10mA
∆VLL
--
50
100
mV
High level output voltage (VGxx-VSxx)
7
@ I=-10mA
∆VHL
8
10
11
V
Supply current at VS (device disabled)
@ Vbat=VS=14V RDT=400k
Ω VMFP=0V
IVS(dis)
--
--
12
mA
Supply current at VS @ 20kHz VMFP
≤4V
(Outputs open)
IVS(open)
--
19
28
m
Α
Low level input voltage
VIN(LL)
--
--
1.0
V
High level input voltage
VIN(HL)
2.0
--
--
V
Input hysteresis
∆VIN
200
mV
Dynamic characteristics
Turn on current @ VGxx -VSxx = 0V; Tj=25°C
@ VGxx -VSxx = 4V; Tj=125°C
IGxx(on)
--
--
0.93
0.95
--
--
Α
Turn off current @ VGxx -VSxx = 10V; Tj=25°C
@ VGxx -VSxx = 4V; Tj=125°C
IOxx(off)
--
--
0.85
0.55
--
--
Α
Dead time LS @ RDT = 10 k
Ω
tDT(LS)
160
240
330
ns
Dead time HS @ RDT = 10 k
Ω
tDT(HS)
180
260
350
ns
Dead time (adjustable) @ RDT = 50 k
Ω
@ RDT = 200 k
Ω
@ RDT = 400 k
Ω
@ RDT > 1 M
Ω
tDT
--
--
--
--
1.2
3.9
4.1
2.2
--
--
--
--
µs
Dead time @ RDT = 0 k
Ω
@ TJ = -40°C
@ TJ = +25°C
@ TJ = +150°C
tDT0k
20
25
45
55
70
110
125
130
200
ns
Rise time @ CLoad=22nF; RLoad=1
Ω; 20…80%
VCLoad
@ TJ = -40°C
@ TJ = +25°C
@ TJ = +150°C
t rise
--
--
--
310
250
170
700
600
600
ns
Fall time @ CLoad=22nF; RLoad=1
Ω; 20…80%
VCLoad @ TJ = -40°C
@ TJ = +25°C
@ TJ = +150°C
tfall
--
--
--
220
250
200
400
350
350
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com