Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6280GP Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE6280GP
Description  3-Phase Bridge Driver IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6280GP Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE6280GP Datasheet HTML 1Page - Infineon Technologies AG TLE6280GP Datasheet HTML 2Page - Infineon Technologies AG TLE6280GP Datasheet HTML 3Page - Infineon Technologies AG TLE6280GP Datasheet HTML 4Page - Infineon Technologies AG TLE6280GP Datasheet HTML 5Page - Infineon Technologies AG TLE6280GP Datasheet HTML 6Page - Infineon Technologies AG TLE6280GP Datasheet HTML 7Page - Infineon Technologies AG TLE6280GP Datasheet HTML 8Page - Infineon Technologies AG TLE6280GP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Datasheet TLE6280GP
1
2007-07-19
3-Phase Bridge Driver IC
Features
• Compatible to very low ohmic normal
level input N-Channel Mosfets
• Separate input for each MOSFET
• PWM frequency up to 30kHz
• Fulfills specification down to 9V
supply voltage
• Low EMC sensitivity and emission
• Separate Source connection for each MOSFET
• Adjustable dead time
• Adjustable dI/dt limitation
• Short circuit protection with adjustable current limitation
• Driver undervoltage warning
• Reverse polarity protection
• Disable function
• Input with TTL characteristics
• Error flag
• Thermal overload warning for driver IC
• Shoot through protection
• Shoot through option
• Integrated bootstrap diodes
• Green Product (RoHS compliant)
• AEC Qualified
Application
• Dedicated for 3-phase high current motor bridges in PWM control mode. This device fulfills requirements in
12V automotive applications
General Description
3-phase bridge driver IC for MOSFET power stages with multiple protection functions.
Block Diagram
Product Summary
Turn on current
IOxx(on)
0.9
A
Turn off current
IOxx(off)
0.85
A
Supply voltage range
VVs
8...20
V
Gate Voltage
VGS
10
V
Temperature range
TJ
-40...+150
°C
PG-DSO36
Input Logic
- Shoot Through Option
- Charge Pump Control
- Programmable Dead Time
Error Logic
- Short Circuit Shut Down
- Under Voltage Warning
- Over Temperature Warning
HS Driver (Channel 2)
- Short Circuit Protection
- Undervoltage Detection
- DI/dt Control
LS Driver (Channel 2)
- Short Circuit Protection
- Undervoltage Detection
- DI/dt Control
Reverse Polarity
Protection
Voltage Regulator
Charge Pump
DI/dt Limitation
HS Driver 3
LS Driver 3
HS Driver 1
LS Driver 1
VDH
CH
CL
DIDT
ERR
DT
MFP
ILx
IHx
BH2
GH2
BL2
SH2
GL2
SL2
VS
BH1GH1 SH1BL1
GL1SL1
BH3
GH3 SH3 BL3 GL3
SL3
GND
- Shoot Through Protection
Marking
TLE6280GP


Similar Part No. - TLE6280GP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6280GP INFINEON-TLE6280GP Datasheet
821Kb / 24P
3-Phase Bridge Driver IC
2007-07-19
More results

Similar Description - TLE6280GP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6280GP INFINEON-TLE6280GP Datasheet
821Kb / 24P
3-Phase Bridge Driver IC
2007-07-19
TLE7189QK INFINEON-TLE7189QK_09 Datasheet
626Kb / 29P
PRO-SILTM 3-Phase Bridge Driver IC
Rev. 2.0, July 2009
TLE7185-1E INFINEON-TLE7185-1E Datasheet
515Kb / 23P
3-Phase Bridge Driver IC
Rev. 2.4, Jul 2010
TLE7183F INFINEON-TLE7183F Datasheet
706Kb / 28P
3-Phase Bridge Driver IC
V2.1, April 2008
TLE7188F INFINEON-TLE7188F Datasheet
707Kb / 28P
3-Phase Bridge Driver IC
V2.1, 2007-06
TLE7189F INFINEON-TLE7189F Datasheet
635Kb / 29P
3-Phase Bridge Driver IC
Rev. 2.1, May 2007
logo
International Rectifier
AUIRS2336S IRF-AUIRS2336S Datasheet
665Kb / 37P
3-PHASE BRIDGE DRIVER IC
logo
Infineon Technologies A...
TLE7189QK INFINEON-TLE7189QK_16 Datasheet
1Mb / 29P
3-Phase Bridge Driver IC
Rev. 2.2, 2016-01-28
TLE7189F INFINEON-TLE7189F_16 Datasheet
691Kb / 29P
3-Phase Bridge Driver IC
Rev. 2.2, Jan. 2016
AUIRS2336S INFINEON-AUIRS2336S Datasheet
665Kb / 37P
3-PHASE BRIDGE DRIVER IC
October 11, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com