Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6280GP Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE6280GP
Description  3-Phase Bridge Driver IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6280GP Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE6280GP Datasheet HTML 7Page - Infineon Technologies AG TLE6280GP Datasheet HTML 8Page - Infineon Technologies AG TLE6280GP Datasheet HTML 9Page - Infineon Technologies AG TLE6280GP Datasheet HTML 10Page - Infineon Technologies AG TLE6280GP Datasheet HTML 11Page - Infineon Technologies AG TLE6280GP Datasheet HTML 12Page - Infineon Technologies AG TLE6280GP Datasheet HTML 13Page - Infineon Technologies AG TLE6280GP Datasheet HTML 14Page - Infineon Technologies AG TLE6280GP Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Datasheet TLE6280GP
11
2007-07-19
Functional range
Parameter and Conditions
Symbol
Values
Unit
at Tj = -40 … +150 °C, unless otherwise specified
Supply voltage
567
VS
8 ... 20
V
Operating temperature range
Tj
-40 ...+150
°C
Duty Cycle @ 20kHz
678 Vs>8V
dc
0...95
%
Max. voltage range at Ixx, ERR
VIxx; VERR
-0.3 ...+7
V
Max. voltage range at MFP, DT
9
VMFP
-0.3 ...+5
V
Max. voltage range at SLx
2
VSLx
-7 ...+7
V
Max. voltage range at SHx
3
VSHx
-7 ...+45
V
Max. voltage range at GLx
2
VGLx
-7 ...+18
V
Max. voltage range at GHx
3
VGHx
-7 ...+55
V
Max. voltage range at BHx
3
VBHx
-0.3 ...+55
V
Max. voltage range at VDH
4
VVDH
-4 ...+55
V
Max. voltage difference Bxx - Sxx
VBxx-VSxx
-0.3 ...+15
V
Max. voltage difference Gxx - Sxx
VGxx-VSxx
-0.3...+11
V
Max. voltage range at DIDT
VDIDT
-7 ...+7
V
PWM frequency
10
FPWM
2...50
kHz
Min. dead time resistor
RDT
0k
Ω
5 operation above 20V limited by max allowed power dissipation and max. ratings
6 If all 3 half-bridges are switched with f
PWM and a duty cycle <10%, undervoltage shut down can occur below
Vs=9.5V
7 Total gate charge of the attached Mosfet < 250nC
8 If the bootstrap capacitor is charged to V
BHx-VSHx=12V, the maximum duty cycle is 100% for 500 µs
9 V
MFP up to 7V allowed up to 500ms
10 Limited only by the minimum bootstrap voltage (undervoltage logout of output stage) and the max allowed
power dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com