Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6280GP Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE6280GP
Description  3-Phase Bridge Driver IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6280GP Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE6280GP Datasheet HTML 10Page - Infineon Technologies AG TLE6280GP Datasheet HTML 11Page - Infineon Technologies AG TLE6280GP Datasheet HTML 12Page - Infineon Technologies AG TLE6280GP Datasheet HTML 13Page - Infineon Technologies AG TLE6280GP Datasheet HTML 14Page - Infineon Technologies AG TLE6280GP Datasheet HTML 15Page - Infineon Technologies AG TLE6280GP Datasheet HTML 16Page - Infineon Technologies AG TLE6280GP Datasheet HTML 17Page - Infineon Technologies AG TLE6280GP Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Datasheet TLE6280GP
14
2007-07-19
Electrical Characteristics (continued)
Parameter and Conditions
Symbol
Values
Unit
at Tj = –40 … +150 °C, unless otherwise specified
and supply voltage range VS = 8 ... 20V; fPWM = 20kHz;
VCBxx>7.5V
min
typ
max
Diagnosis and Protection Functions
Undervoltage warning at ERR
@ TJ = -40°C
@ TJ = +25°C
@ TJ = +150°C
VBxx-VSxx
8
8
8
9.4
9.3
9.0
10
10
10
V
Undervoltage shut down of output stage
@ TJ = -40°C
@ TJ = +25°C
@ TJ = +150°C
VBxx-VSxx
5.5
5.0
4.0
7.2
6.6
5.6
7.5
7.2
7.2
V
Over-temperature warning
11
TJ(OV)
150
170
190
°C
Hysteresis for over-temperature warning
∆TJ(OV)
20
°C
Short circuit protection shut down time delay
tSCP(off)
7
11
15
µs
Short circuit criteria (VDS of Mosfets) @
VMFP=3V
12
@ TJ = -40°C
@ TJ = +25°C
@ TJ = +150°C
VDS(SCP)
1.4
--
--
1.85
1.90
1.95
--
--
2.3
V
Factor between VMFP and max. VGXX
@ 2V < VMFP < 4V
VGxxMax/VMFP
1.8
2
2.27
Disable input level
VMFP(DIS)
--
--
1.1
V
Enable input level
13
VMFP(EN)
2.5
--
--
V
Disable input hysteresis
∆VMFP(DIS)
--
500
--
mV
Error level @ 1.6mA IERR
VERR
--
--
1.0
V
Shoot through option
Shoot through protection activated
VMFP
4V
Shoot through option activated
VMFP
4.5
--
--
V
11 specified by design – not subject to production test
12 Periodic short circuit condition will be detected within several cycles, if the duty cycle is more than 10%
13 If the device is enabled, the slope of dU
(VMFP)/dt has to be higher than 3.5V/50µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com