Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6280GP Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE6280GP
Description  3-Phase Bridge Driver IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6280GP Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE6280GP Datasheet HTML 9Page - Infineon Technologies AG TLE6280GP Datasheet HTML 10Page - Infineon Technologies AG TLE6280GP Datasheet HTML 11Page - Infineon Technologies AG TLE6280GP Datasheet HTML 12Page - Infineon Technologies AG TLE6280GP Datasheet HTML 13Page - Infineon Technologies AG TLE6280GP Datasheet HTML 14Page - Infineon Technologies AG TLE6280GP Datasheet HTML 15Page - Infineon Technologies AG TLE6280GP Datasheet HTML 16Page - Infineon Technologies AG TLE6280GP Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Datasheet TLE6280GP
13
2007-07-19
Electrical Characteristics (continued)
Parameter and Conditions
Symbol
Values
Unit
at Tj = –40 … +150 °C, unless otherwise specified
and supply voltage range VS = 8 ... 20V; fPWM = 20kHz
min
typ
max
Dynamic characteristics (continued)
Disable propagation time
tP(DIS)
--
350
700
ns
Wake up time after enabling the device
tWU
10
µs
Input propagation time (low on)
tP(ILN)
--
220
500
ns
Input propagation time (low off)
tP(ILF)
--
180
500
ns
Input propagation time (high on)
tP(IHN)
--
250
500
ns
Input propagation time (high off)
tP(IHF)
--
185
500
ns
Input propagation time difference
(all channels turn on)
tPD(an)
20
55
70
ns
Input propagation time difference
(all channels turn off)
tPD(af)
--
11
50
ns
Input propagation time difference
(one channel; high off – low on)
tPD(1hfln)
--
60
150
ns
Input propagation time difference
(one channel; low off – high on)
tPD(1lfhn)
--
80
150
ns
Input propagation time difference
(all channels; high off – low on)
tPD(ahfln)
--
60
150
ns
Input propagation time difference
(all channels; low off – high on)
tPD(alfhn)
--
80
150
ns
DC-Resistance between CH and Bxx pin
ICH-Bxx = 50mA; VVS = VBxx = GND = 0V
@ TJ = -40°C
@ TJ = +25°C
@ TJ = +150°C
RCH-Bxx
--
3.3
4.2
6.0
6.3
7.3
8.3
Ω
Boostrap diode forward voltage ICH-Bxx = 50mA
@ TJ = -40°C
@ TJ = +25°C
@ TJ = +150°C
VBSD
--
0.84
0.73
0.52
1.2
1.0
0.76
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com