Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6280GP Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE6280GP
Description  3-Phase Bridge Driver IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6280GP Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE6280GP Datasheet HTML 12Page - Infineon Technologies AG TLE6280GP Datasheet HTML 13Page - Infineon Technologies AG TLE6280GP Datasheet HTML 14Page - Infineon Technologies AG TLE6280GP Datasheet HTML 15Page - Infineon Technologies AG TLE6280GP Datasheet HTML 16Page - Infineon Technologies AG TLE6280GP Datasheet HTML 17Page - Infineon Technologies AG TLE6280GP Datasheet HTML 18Page - Infineon Technologies AG TLE6280GP Datasheet HTML 19Page - Infineon Technologies AG TLE6280GP Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Datasheet TLE6280GP
16
2007-07-19
Truth Table
Input
Conditions
Output
ILx
IHx
DT
MFP
UV
OT
SC
GLx
GHx
ERR
1
1
D
>2.5V
0
0
0
1
0
5V
0
0
D
>2.5V
0
0
0
0
1
5V
1
0
D
2.5-4.0V
0
0
0
A
A
5V
0
1
D
>2.5V
0
0
0
0
0
5V
0
0
D
>2.5V
1
0
0
0
1
0V
1
1
D
>2.5V
1
0
0
1
0
0V
1
0
D
2.5-4.0V
1
0
0
A
A
0V
0
1
D
>2.5V
1
0
0
0
0
0V
0
0
D
>2.5V
0
1
0
0
1
0V
1
1
D
>2.5V
0
1
0
1
0
0V
1
0
D
2.5-4.0V
0
1
0
A
A
0V
0
1
D
>2.5V
0
1
0
0
0
0V
X
X
D
>2.5V
0
0
1
0
0
B
X
X
D
<1.1V
0
0
X
0
0
5V
X
X
D
<1.1V
1
0
X
0
0
0V
X
X
D
<1.1V
0
1
X
0
0
0V
X
X
D
<1.1V
1
1
X
0
0
0V
C
C
D
>4.5V
X
X
X
1
1
0V
A) stays in the output condition prior to the shoot through input command (see also dead
time diagrams)
B) ERR=0V and stays latched until reset
C) All 3 ILx=1 AND all 3 IHx=0 (shoot through command)
D) No influence on static results
X) Can be 0 or 1
Remark:
If 1.1V < VMFP < 2.5V the device is either working normally or is disabled.
If 4.0V < VMFP < 4.5V the device is either working normally or will allow shoot through.
Definition:
In this datasheet a duty cycle of 98% means that the GLx pin is 2% of the PWM period in
high condition.
Remark: Please consider the influence of the dead time for your input duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com